Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STB10N95K5 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STB10N95K5
Szczegółowy opis  Switching applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB10N95K5 Arkusz danych(HTML) 3 Page - STMicroelectronics

  STB10N95K5 Datasheet HTML 1Page - STMicroelectronics STB10N95K5 Datasheet HTML 2Page - STMicroelectronics STB10N95K5 Datasheet HTML 3Page - STMicroelectronics STB10N95K5 Datasheet HTML 4Page - STMicroelectronics STB10N95K5 Datasheet HTML 5Page - STMicroelectronics STB10N95K5 Datasheet HTML 6Page - STMicroelectronics STB10N95K5 Datasheet HTML 7Page - STMicroelectronics STB10N95K5 Datasheet HTML 8Page - STMicroelectronics STB10N95K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DocID024850 Rev 3
3/22
STB10N95K5, STF10N95K5, STP10N95K5, STW10N95K5
Electrical ratings
22
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220FP
D2PAK,
TO-220, TO-247
V
GS
Gate- source voltage
±30
V
I
D
Drain current (continuous) at T
C
= 25 °C
8
(1)
1.
Limited by maximum junction temperature.
8A
I
D
Drain current (continuous) at T
C
= 100 °C
5
(1)
5A
I
DM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
32
A
P
TOT
Total dissipation at T
C
= 25 °C
30
130
W
I
AR
Max current during repetitive or single
pulse avalanche
2.5
A
E
AS
Single pulse avalanche energy
(starting T
J
= 25 °C, I
D
=I
AS
, V
DD
= 50 V)
122
mJ
dv/dt
(3)
3.
I
SD
≤ 8 A, di/dt ≤ 100 A/μs, V
DS(peak)
V
(BR)DSS.
Peak diode recovery voltage slope
4.5
V/ns
dv/dt
(4)
4.
V
SD
760 V
MOSFET dv/dt ruggedness
50
V/ns
V
ISO
Insulation withstand voltage (RMS) from
all three leads to external heat sink
(t=1 s; T
C
=25 °C)
2500
V
T
j
T
stg
Operating junction temperature
Storage temperature
- 55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
TO-220FP
D2PAK
TO-220,
TO-247
R
thj-case
Thermal resistance junction-case max
4.2
0.96
°C/W
R
thj-amb
Thermal resistance junction-amb max
62.5
62.5
°C/W
Rt
hj-pcb
(1)
1.
When mounted on 1 inch² FR-4, 2 Oz copper board
Thermal resistance junction-pcb max
30
°C/W


Podobny numer części - STB10N95K5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
STB10N03 SAMHOP-STB10N03 Datasheet
105Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
STMicroelectronics
STB10N60M2 STMICROELECTRONICS-STB10N60M2 Datasheet
1Mb / 24P
   N-channel 600 V, 0.550 typ., 7.5 A MDmesh II Plus low Qg Power MOSFETs in D짼PAK
STB10N65K3 STMICROELECTRONICS-STB10N65K3 Datasheet
1Mb / 21P
   N-channel 650 V, 0.75 廓 typ., 10 A SuperMESH3??Power MOSFETs in D2PAK, TO-220FP, I2PAKFP and TO-220 packages
August 2013 Rev 4
STB10NA40 STMICROELECTRONICS-STB10NA40 Datasheet
127Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STB10NB20 STMICROELECTRONICS-STB10NB20 Datasheet
81Kb / 8P
   N - CHANNEL 200V - 0.30ohm - 10A - D2PAK PowerMESH] MOSFET
More results

Podobny opis - STB10N95K5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
   Switching and Applications Switching and Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
STMicroelectronics
STW6N90K5 STMICROELECTRONICS-STW6N90K5 Datasheet
729Kb / 12P
   Switching applications
November 2016 Rev 1
logo
Toshiba Semiconductor
2SD1223 TOSHIBA-2SD1223_10 Datasheet
163Kb / 5P
   Switching Applications
logo
Sanyo Semicon Device
2SC4363 SANYO-2SC4363 Datasheet
88Kb / 2P
   Switching Applications
logo
STMicroelectronics
STH6N95K5-2 STMICROELECTRONICS-STH6N95K5-2 Datasheet
711Kb / 17P
   Switching applications
logo
Sanyo Semicon Device
2SC3900 SANYO-2SC3900 Datasheet
327Kb / 5P
   Switching Applications
logo
Toshiba Semiconductor
2SD2092 TOSHIBA-2SD2092_06 Datasheet
173Kb / 5P
   Switching Applications
SSM4K27CT TOSHIBA-SSM4K27CT Datasheet
203Kb / 5P
   Switching Applications
logo
STMicroelectronics
STL7N6LF3 STMICROELECTRONICS-STL7N6LF3 Datasheet
969Kb / 15P
   Switching applications
February 2017 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com