Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STB100N6F7 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części STB100N6F7
Szczegółowy opis  N-channel 60 V, 4.7 m??typ.,100 A STripFET??F7 Power MOSFET in a D짼PAK package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB100N6F7 Arkusz danych(HTML) 5 Page - STMicroelectronics

  STB100N6F7 Datasheet HTML 1Page - STMicroelectronics STB100N6F7 Datasheet HTML 2Page - STMicroelectronics STB100N6F7 Datasheet HTML 3Page - STMicroelectronics STB100N6F7 Datasheet HTML 4Page - STMicroelectronics STB100N6F7 Datasheet HTML 5Page - STMicroelectronics STB100N6F7 Datasheet HTML 6Page - STMicroelectronics STB100N6F7 Datasheet HTML 7Page - STMicroelectronics STB100N6F7 Datasheet HTML 8Page - STMicroelectronics STB100N6F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DocID027210 Rev 2
5/15
STB100N6F7
Electrical characteristics
15
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD
(1)
1.
Pulse test: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
VGS = 0 V, ISD = 100A
-
1.2
V
trr
Reverse recovery time
ISD = 100 A, di/dt = 100 A/µs,
VDD = 48 V
-
48.4
ns
Qrr
Reverse recovery charge
-
47
nC
IRRM
Reverse recovery current
-
2.0
A


Podobny numer części - STB100N6F7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
STB100N6F7-2 ISC-STB100N6F7-2 Datasheet
294Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Podobny opis - STB100N6F7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STF100N6F7 STMICROELECTRONICS-STF100N6F7 Datasheet
419Kb / 13P
   N-channel 60 V, 4.6 m??typ., 46 A STripFET??F7 Power MOSFET in a TO-220FP package
February 2015 Rev 3
STD140N6F7 STMICROELECTRONICS-STD140N6F7 Datasheet
678Kb / 13P
   N-channel 60 V, 3.1 m(ohm) typ., 80 A STripFET F7 Power MOSFET in a DPAK package
STL140N6F7 STMICROELECTRONICS-STL140N6F7 Datasheet
944Kb / 13P
   N-channel 60 V, 2.4 m廓 typ., 140 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
April 2017 Rev 5
STD46N6F7 STMICROELECTRONICS-STD46N6F7 Datasheet
770Kb / 14P
   N-channel 60 V, 0.012 廓 typ., 15 A STripFET??F7 Power MOSFET in a DPAK package
January 2016 Rev 2
STD30N10F7 STMICROELECTRONICS-STD30N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.02 廓 typ., 32 A STripFET??F7 Power MOSFET in a DPAK package
January 2016 Rev 3
STH200N10WF7-2 STMICROELECTRONICS-STH200N10WF7-2 Datasheet
377Kb / 14P
   N-channel 100 V, 3.2 mΩ typ., 180 A, STripFET F7 Power MOSFET N-channel 100 V, 3.2 mΩ typ., 180 A, STripFET F7 Power MOSFET
Rev 4 - July 2022
STL90N10F7 STMICROELECTRONICS-STL90N10F7_V01 Datasheet
842Kb / 16P
   N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Description
STL7N6F7 STMICROELECTRONICS-STL7N6F7 Datasheet
875Kb / 11P
   N-channel 60 V, 0.021 (ohm) typ., 7 A STripFET F7 Power MOSFET in a PowerFLAT 2x2 package
STL90N6F7 STMICROELECTRONICS-STL90N6F7_V01 Datasheet
505Kb / 14P
   N-channel 60 V, 4.6 mΩ typ., 90 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 3 - January 2020
STF140N6F7 STMICROELECTRONICS-STF140N6F7 Datasheet
679Kb / 13P
   N-channel 60 V, 0.0031 (ohm) typ., 70 A STripFET F7 Power MOSFET in a TO-220FP package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com