Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STF13NM06N-H Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części STF13NM06N-H
Szczegółowy opis  Low gate input resistance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF13NM06N-H Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button STF13NM06N-H Datasheet HTML 3Page - STMicroelectronics STF13NM06N-H Datasheet HTML 4Page - STMicroelectronics STF13NM06N-H Datasheet HTML 5Page - STMicroelectronics STF13NM06N-H Datasheet HTML 6Page - STMicroelectronics STF13NM06N-H Datasheet HTML 7Page - STMicroelectronics STF13NM06N-H Datasheet HTML 8Page - STMicroelectronics STF13NM06N-H Datasheet HTML 9Page - STMicroelectronics STF13NM06N-H Datasheet HTML 10Page - STMicroelectronics STF13NM06N-H Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STF13NM60N-H
Electrical characteristics
Doc ID 16963 Rev 1
7/13
Figure 8.
Transconductance
Figure 9.
Static drain-source on resistance
Figure 10.
Gate charge vs gate-source voltage Figure 11.
Capacitance variations
Figure 12.
Normalized gate threshold voltage
vs temperature
Figure 13.
Normalized on resistance vs
temperature
GFS
2.5
1.5
0.5
0
6
ID(A)
(S)
2
10
4
8
3.5
4.5
5.5
6.5
7.5
8.5
TJ=-50°C
TJ=25°C
TJ=150°C
AM03303v1
RDS(on)
0.26
0.24
0.22
0.2
0
4
ID(A)
(
Ω)
2
6
0.28
0.30
ID=5.5A
VGS=10V
8
10
AM03302v1
VGS
6
4
2
0
0
Qg(nC)
(V)
20
8
10
10
VDD=480V
ID=11A
30
12
300
200
100
0
400
500
VDS
VGS
AM03305v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM03304v1
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25
50
100
AM03306v1
RDS(on)
1.1
0.9
0.7
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
1.7
1.5
1.3
1.9
2.1
AM03307v1


Podobny numer części - STF13NM06N-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STF13NM50N STMICROELECTRONICS-STF13NM50N Datasheet
622Kb / 17P
   N-channel 500V - 0.250廓 - 12A - TO-220/FP - TO-247-I2/D2PAK Second generation MDmesh??Power MOSFET
STF13NM50N STMICROELECTRONICS-STF13NM50N Datasheet
573Kb / 18P
   N-channel 500 V - 0.250 廓 - 12 A MDmesh??II Power MOSFET TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
logo
Inchange Semiconductor ...
STF13NM60N ISC-STF13NM60N Datasheet
313Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Podobny opis - STF13NM06N-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STD26P3LLH6 STMICROELECTRONICS-STD26P3LLH6 Datasheet
987Kb / 16P
   Low gate input resistance
February 2014 Rev 5
logo
Diodes Incorporated
DMJ7N70SK3 DIODES-DMJ7N70SK3 Datasheet
288Kb / 6P
   Low Gate Input Resistance
logo
STMicroelectronics
STB18N60M2 STMICROELECTRONICS-STB18N60M2 Datasheet
1Mb / 21P
   Low gate input resistance
February 2014 Rev 2
STB34NM60N STMICROELECTRONICS-STB34NM60N Datasheet
1Mb / 17P
   Low gate input resistance
March 2015 Rev 9
STF13N60M2 STMICROELECTRONICS-STF13N60M2 Datasheet
1Mb / 14P
   Low gate input resistance
March 2014 Rev 4
STL22N65M5 STMICROELECTRONICS-STL22N65M5 Datasheet
1Mb / 17P
   Low gate input resistance
February 2013 Rev 2
STL13N60M2 STMICROELECTRONICS-STL13N60M2 Datasheet
1Mb / 16P
   Low gate input resistance
June 2014 Rev 2
STB13NM60N STMICROELECTRONICS-STB13NM60N Datasheet
1Mb / 24P
   Low gate input resistance
June 2015 Rev 3
STL34N65M5 STMICROELECTRONICS-STL34N65M5 Datasheet
1Mb / 15P
   Low gate input resistance
April 2014 Rev 1
STF18N60M2 STMICROELECTRONICS-STF18N60M2 Datasheet
1Mb / 13P
   Low gate input resistance
February 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com