Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCV857BDGG Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części CDCV857BDGG
Szczegółowy opis  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDCV857BDGG Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button CDCV857BDGG Datasheet HTML 7Page - Texas Instruments CDCV857BDGG Datasheet HTML 8Page - Texas Instruments CDCV857BDGG Datasheet HTML 9Page - Texas Instruments CDCV857BDGG Datasheet HTML 10Page - Texas Instruments CDCV857BDGG Datasheet HTML 11Page - Texas Instruments CDCV857BDGG Datasheet HTML 12Page - Texas Instruments CDCV857BDGG Datasheet HTML 13Page - Texas Instruments CDCV857BDGG Datasheet HTML 14Page - Texas Instruments CDCV857BDGG Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Apr-2017
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CDCV857BDGG
ACTIVE
TSSOP
DGG
48
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
CDCV857B
CDCV857BDGGG4
ACTIVE
TSSOP
DGG
48
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
CDCV857B
CDCV857BDGGR
ACTIVE
TSSOP
DGG
48
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
CDCV857B
CDCV857BDGGRG4
ACTIVE
TSSOP
DGG
48
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
CDCV857B
CDCV857BIDGG
ACTIVE
TSSOP
DGG
48
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
CDCV857B-I
CDCV857BIDGGG4
ACTIVE
TSSOP
DGG
48
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
CDCV857B-I
CDCV857BIDGGR
ACTIVE
TSSOP
DGG
48
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
CDCV857B-I
CDCV857BIDGGRG4
ACTIVE
TSSOP
DGG
48
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
CDCV857B-I
HPA00014DGG
ACTIVE
TSSOP
DGG
48
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
CDCV857B
HPA00014DGGR
ACTIVE
TSSOP
DGG
48
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
CDCV857B
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)


Podobny numer części - CDCV857BDGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCV857BDGG TI-CDCV857BDGG Datasheet
277Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BDGG TI1-CDCV857BDGG Datasheet
771Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BDGGG4 TI1-CDCV857BDGGG4 Datasheet
771Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BDGGR TI-CDCV857BDGGR Datasheet
277Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BDGGR TI1-CDCV857BDGGR Datasheet
771Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Podobny opis - CDCV857BDGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCV857A TI1-CDCV857A_08 Datasheet
389Kb / 16P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCVF857 TI-CDCVF857 Datasheet
475Kb / 19P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857 RENESAS-HD74CDCV857 Datasheet
226Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Hitachi Semiconductor
HD74CDCV857 HITACHI-HD74CDCV857 Datasheet
61Kb / 15P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV857A TI-CDCV857A Datasheet
190Kb / 14P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857A RENESAS-HD74CDCV857A Datasheet
244Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV855 TI-CDCV855 Datasheet
137Kb / 10P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857B TI-CDCV857B Datasheet
277Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV855 TI1-CDCV855_16 Datasheet
765Kb / 15P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857 TI1-CDCV857_08 Datasheet
352Kb / 14P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com