Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCE937 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części CDCE937
Szczegółowy opis  Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE937 Arkusz danych(HTML) 4 Page - Texas Instruments

  CDCE937_17 Datasheet HTML 1Page - Texas Instruments CDCE937_17 Datasheet HTML 2Page - Texas Instruments CDCE937_17 Datasheet HTML 3Page - Texas Instruments CDCE937_17 Datasheet HTML 4Page - Texas Instruments CDCE937_17 Datasheet HTML 5Page - Texas Instruments CDCE937_17 Datasheet HTML 6Page - Texas Instruments CDCE937_17 Datasheet HTML 7Page - Texas Instruments CDCE937_17 Datasheet HTML 8Page - Texas Instruments CDCE937_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
1
Xin/CLK
20
Xout
2
S0
19
SDA/S1
3
VDD
18
SCL/S2
4
VCtrl
17
Y1
5
GND
16
GND
6
Vddout
15
Y2
7
Y4
14
Y3
8
Y5
13
Vddout
9
GND
12
Y6
10
Vddout
11
Y7
Not to scale
4
CDCE937, CDCEL937
SLAS564G – AUGUST 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: CDCE937 CDCEL937
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
G= Ground, I = Input, O = Output, P = Power
5 Pin Configuration and Functions
PW Package
20-Pin TSSOP
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
GND
5, 9, 16
G
Ground
SCL/S2
18
I
SCL: Serial clock input (default configuration), LVCMOS; Internal pullup 500k;
S2: User programmable control input; LVCMOS inputs; Internal pullup 500k
SDA/S1
19
I/O
SDA: Bi-directional serial data input/output (default configuration). LVCMOS; Internal pullup 500k;
S1: User programmable control input; LVCMOS inputs; Internal pullup 500k
S0
2
I
User programmable control input S0; LVCMOS inputs; Internal pullup 500k
VCtrl
4
I
VCXO control voltage, leave open or pullup (approximately 500k) when not used
VDD
3
P
1.8-V power supply for the device
Vddout
6, 10, 13
P
CDCEL937: 1.8-V supply for all outputs
CDCE937: 3.3-V or 2.5-V supply for all outputs
Xin/CLK
1
I
Crystal oscillator input or LVCMOS clock input (selectable through SDA/SCL bus)
Xout
20
O
Crystal oscillator output, leave open or pullup (~500k) when not used
Y1
17
O
LVCMOS outputs
Y2
15
O
LVCMOS outputs
Y3
14
O
LVCMOS outputs
Y4
7
O
LVCMOS outputs
Y5
8
O
LVCMOS outputs
Y6
12
O
LVCMOS outputs
Y7
11
O
LVCMOS outputs


Podobny numer części - CDCE937_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCE937 TI-CDCE937_10 Datasheet
481Kb / 30P
[Old version datasheet]   Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
More results

Podobny opis - CDCE937_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
P3MS650100H ONSEMI-P3MS650100H Datasheet
218Kb / 7P
   LVCMOS Peak EMI Reduction Clock Generator
August, 2011 ??Rev. 0
P3MS650103H ONSEMI-P3MS650103H Datasheet
156Kb / 7P
   LVCMOS Peak EMI Reduction Clock Generator
September, 2011 ??Rev. 0
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
logo
Cypress Semiconductor
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
Texas Instruments
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
[Old version datasheet]   SSC Clock Generator/Buffer
logo
Alliance Semiconductor ...
ASM3P2508SP ALSC-ASM3P2508SP Datasheet
303Kb / 7P
   Clock Synthesizer and Frequency Generator with Peak EMI reduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com