Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCVF857RHARG4 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części CDCVF857RHARG4
Szczegółowy opis  2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF857RHARG4 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button CDCVF857RHARG4 Datasheet HTML 2Page - Texas Instruments CDCVF857RHARG4 Datasheet HTML 3Page - Texas Instruments CDCVF857RHARG4 Datasheet HTML 4Page - Texas Instruments CDCVF857RHARG4 Datasheet HTML 5Page - Texas Instruments CDCVF857RHARG4 Datasheet HTML 6Page - Texas Instruments CDCVF857RHARG4 Datasheet HTML 7Page - Texas Instruments CDCVF857RHARG4 Datasheet HTML 8Page - Texas Instruments CDCVF857RHARG4 Datasheet HTML 9Page - Texas Instruments CDCVF857RHARG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
CDCVF857
SCAS047F – MARCH 2003 – REVISED MAY 2007
MIN
NOM
MAX
UNIT
VDDQ
PC1600 – PC3200
2.3
2.7
Supply voltage
V
AVDD
VDDQ – 0.12
2.7
CLK, CLK, FBIN, FBIN
VDDQ/2 – 0.18
VIL
Low-level input voltage
V
PWRDWN
–0.3
0.7
CLK, CLK, FBIN, FBIN
VDDQ/2 + 0.18
VIH
High-level input voltage
V
PWRDWN
1.7
VDDQ + 0.3
DC input signal voltage (1)
–0.3
VDDQ + 0.3
V
DC
CLK, FBIN
0.36
VDDQ + 0.6
VID
Differential input signal voltage (2)
V
AC
CLK, FBIN
0.7
VDDQ + 0.6
VIX
Input differential pair cross voltage (3)(4)
VDDQ/2 – 0.2
VDDQ/2 + 0.2
V
IOH
High-level output current
–12
mA
IOL
Low-level output current
12
mA
SR
Input slew rate
1
4
V/ns
TA
Operating free-air temperature
–40
85
°C
(1)
The unused inputs must be held high or low to prevent them from floating.
(2)
The dc input signal voltage specifies the allowable dc execution of the differential input.
(3)
The differential input signal voltage specifies the differential voltage |VTR – VCP| required for switching, where VTR is the true input
level and VCP is the complementary input level.
(4)
The differential cross-point voltage tracks variations of VCC and is the voltage at which the differential signals must cross.
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP (1)
MAX
UNIT
VIK
Input voltage, all inputs
VDDQ = 2.3 V, II = –18 mA
–1.2
V
VDDQ = min to max, IOH = –1 mA
VDDQ – 0.1
VOH
High-level output voltage
V
VDDQ = 2.3 V, IOH = –12 mA
1.7
VDDQ = min to max, IOL = 1 mA
0.1
VOL
Low-level output voltage
V
VDDQ = 2.3 V, IOL = 12 mA
0.6
VOD
Output voltage swing (2)
1.1
VDDQ – 0.4
V
Differential outputs are terminated with
Output differential
120
Ω, C
L = 14 pF (see Figure 3)
VOX
VDDQ/2 – 0.1
VDDQ/2
VDDQ/2 + 0.1
V
cross-voltage (3)
II
Input current
VDDQ = 2.7 V, VI = 0 V to 2.7 V
±10
µA
High-impedance-state output
IOZ
VDDQ = 2.7 V, VO = VDDQ or GND
±10
µA
current
Power-down current on VDDQ CLK and CLK = 0 MHz; PWRDWN =
IDDPD
20
100
µA
+ AVDD
Low;
Σ of I
DD and AIDD
fO = 170 MHz
6
8
AIDD
Supply current on AVDD
mA
fO = 200 MHz
8
10
CI
Input capacitance
VDDQ = 2.5 V, VI = VDDQ or GND
2
2.5
3.5
pF
fO = 170 MHz
120
140
Without load
fO = 200 MHz
125
150
Differential outputs
fO = 170 MHz
220
270
terminated with 120
Ω, C
L
IDD
Dynamic current on VDDQ
mA
fO = 200 MHz
230
280
= 0 pF
Differential outputs
fO = 170 MHz
280
330
terminated with 120
Ω, C
L
fO = 200 MHz
300
350
= 14 pF
(1)
All typical values are at nominal VDDQ.
(2)
The differential output signal voltage specifies the differential voltage |VTR – VCP|, where VTR is the true output level and VCP is the
complementary output level.
(3)
The differential cross-point voltage tracks variations of VDDQ and is the voltage at which the differential signals must cross.
6
Submit Documentation Feedback


Podobny numer części - CDCVF857RHARG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCVF857RHARG4 TI-CDCVF857RHARG4 Datasheet
475Kb / 19P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF857RHARG4 TI1-CDCVF857RHARG4 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
More results

Podobny opis - CDCVF857RHARG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCVF857 TI1-CDCVF857_16 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855 TI-CDCVF855 Datasheet
241Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855 TI1-CDCVF855_16 Datasheet
793Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF2505-Q1 TI1-CDCVF2505-Q1 Datasheet
225Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCKED LOOP CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501 PERICOM-PI6C2501 Datasheet
235Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com