Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCVF857RHATG4 Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCVF857RHATG4
Szczegółowy opis  2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF857RHATG4 Arkusz danych(HTML) 2 Page - Texas Instruments

  CDCVF857RHATG4 Datasheet HTML 1Page - Texas Instruments CDCVF857RHATG4 Datasheet HTML 2Page - Texas Instruments CDCVF857RHATG4 Datasheet HTML 3Page - Texas Instruments CDCVF857RHATG4 Datasheet HTML 4Page - Texas Instruments CDCVF857RHATG4 Datasheet HTML 5Page - Texas Instruments CDCVF857RHATG4 Datasheet HTML 6Page - Texas Instruments CDCVF857RHATG4 Datasheet HTML 7Page - Texas Instruments CDCVF857RHATG4 Datasheet HTML 8Page - Texas Instruments CDCVF857RHATG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.ti.com
FUNCTION TABLE
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
11 12 13 14 15 16 17 18 19 20
37 36 35 34 33
38
32 31
40 39
GND
GND
Y2
Y2
V
DDQ
CLK
CLK
V
DDQ
AV
DD
AGND
GND
Y7
Y7
V
DDQ
PWRDWN
FBIN
FBIN
V
DDQ
V
DDQ
FBOUT
FBOUT
P0053-01
RHA/RTBPACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
DGGPACKAGE
(TOP VIEW)
GND
Y0
Y0
V
DDQ
Y1
Y1
GND
GND
Y2
Y2
V
DDQ
V
DDQ
CLK
CLK
V
DDQ
AV
DD
AGND
GND
Y3
Y3
V
DDQ
Y4
Y4
GND
GND
Y5
Y5
V
DDQ
Y6
Y6
GND
GND
Y7
Y7
V
DDQ
PWRDWN
FBIN
FBIN
V
DDQ
FBOUT
FBOUT
GND
Y8
Y8
V
DDQ
Y9
Y9
GND
P0052-01
CDCVF857
SCAS047F – MARCH 2003 – REVISED MAY 2007
(Select Functions)
INPUTS
OUTPUTS
PLL
AVDD
PWRDWN
CLK
CLK
Y[0:9]
Y[0:9]
FBOUT
FBOUT
GND
H
L
H
L
H
L
H
Bypassed/off
GND
H
H
L
H
L
H
L
Bypassed/off
X
L
L
H
Z
Z
Z
Z
Off
X
L
H
L
Z
Z
Z
Z
Off
2.5 V (nom)
H
L
H
L
H
L
H
On
2.5 V (nom)
H
H
L
H
L
H
L
On
2.5 V (nom)
X
<20 MHz
<20 MHz
Z
Z
Z
Z
Off
2
Submit Documentation Feedback


Podobny numer części - CDCVF857RHATG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCVF857RHATG4 TI-CDCVF857RHATG4 Datasheet
475Kb / 19P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF857RHATG4 TI1-CDCVF857RHATG4 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
More results

Podobny opis - CDCVF857RHATG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCVF857 TI1-CDCVF857_16 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855 TI-CDCVF855 Datasheet
241Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855 TI1-CDCVF855_16 Datasheet
793Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF2505-Q1 TI1-CDCVF2505-Q1 Datasheet
225Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCKED LOOP CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501 PERICOM-PI6C2501 Datasheet
235Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com