Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA25C1024LMN Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części SA25C1024LMN
Szczegółowy opis  1Mb EEPROM SPI with 10MHz and Low Standby
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

SA25C1024LMN Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  SA25C1024LMN Datasheet HTML 1Page - List of Unclassifed Manufacturers SA25C1024LMN Datasheet HTML 2Page - List of Unclassifed Manufacturers SA25C1024LMN Datasheet HTML 3Page - List of Unclassifed Manufacturers SA25C1024LMN Datasheet HTML 4Page - List of Unclassifed Manufacturers SA25C1024LMN Datasheet HTML 5Page - List of Unclassifed Manufacturers SA25C1024LMN Datasheet HTML 6Page - List of Unclassifed Manufacturers SA25C1024LMN Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25C1024LMN Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25C1024LMN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This Data Sheet states Saifun's current technical specifications regarding the Products described herein. This Data Sheet
may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 1910
Rev: 1.1
Amendment: 1
Issue Date: January 27, 2003
SA25C1024
Data Sheet
Features
•=
Saifun NROM™ Flash Cell
•=
Serial Peripheral Interface (SPI) Compatible
•=
Supports SPI Modes 0 (0,0) and 3 (1,1)
•=
Byte and Page Write Modes (up to 128 bytes)
•=
Single Supply Voltage:
2.7V to 3.6V (L)
4.5V to 5.5V (H)
•=
10MHz Clock Rate
•=
Block Write Protection:
Protect ¼, ½, or Entire Array
•=
Write Protect Pin and Write Disable Instructions of both Hardware and
Software Data Protection
•=
Self-timed Write Cycle (10mS max)
•=
100,000 Write Cycles (Minimum)
•=
20 Year Data Retention
•=
Low-power Standby Current (less than 1
µµµµA)
•=
8-SOIC Narrow Package (0.150” Wide Body, JEDEC SOIC)
•=
Temperature Range:
Industrial: -40°C to +85°C
Commercial: 0°C to +70°C
General Description
SA25C1024 is a 1Mb CMOS non-volatile serial EEPROM,
organized as a 128K x 8-bit memory. The SA25C1024 is
available in a space-saving, 8-lead narrow SOIC package. In
addition, it is available in a wide range of voltages – 2.7-3.6 V
and 4.5-5.5 V.
The SA25C1024 is enabled through the Chip Select (CSb) pin
and is accessed via a 3-wire interface consisting of Serial Data
Input (SI), Serial Data Output (SO) and Serial Data Clock
(SCK). All write cycles are completely self-timed, and no
separate ERASE cycle is required before write.
(continued)
1Mb EEPROM SPI
with 10MHz and Low
Standby
http://www.saifun.com
Saifun NROM
TM is a trademark of Saifun Semiconductors Ltd.


Podobny numer części - SA25C1024LMN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SA25C020 ETC-SA25C020 Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLF ETC-SA25C020LEMLF Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFF ETC-SA25C020LEMLFF Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFFX ETC-SA25C020LEMLFFX Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFX ETC-SA25C020LEMLFX Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
More results

Podobny opis - SA25C1024LMN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SA25C512 ETC-SA25C512 Datasheet
1Mb / 19P
   512Kb EEPROM SPI with 10MHz and Low Standby
logo
Everspin Technologies I...
MR25H10 EVERSPIN-MR25H10 Datasheet
1Mb / 20P
   1Mb Serial SPI MRAM
Rev. 9.5 3/2018
logo
STMicroelectronics
AN970 STMICROELECTRONICS-AN970 Datasheet
69Kb / 10P
   SPI COMMUNICATION BETWEEN ST7 AND EEPROM
logo
Xicor Inc.
X5645 XICOR-X5645 Datasheet
117Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
logo
Intersil Corporation
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5643 RENESAS-X5643 Datasheet
734Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5328 INTERSIL-X5328 Datasheet
340Kb / 21P
   CPU Supervisor with 32Kbit SPI EEPROM
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com