Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA25C1024HMNX Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części SA25C1024HMNX
Szczegółowy opis  1Mb EEPROM SPI with 10MHz and Low Standby
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

SA25C1024HMNX Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SA25C1024HMNX Datasheet HTML 2Page - List of Unclassifed Manufacturers SA25C1024HMNX Datasheet HTML 3Page - List of Unclassifed Manufacturers SA25C1024HMNX Datasheet HTML 4Page - List of Unclassifed Manufacturers SA25C1024HMNX Datasheet HTML 5Page - List of Unclassifed Manufacturers SA25C1024HMNX Datasheet HTML 6Page - List of Unclassifed Manufacturers SA25C1024HMNX Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25C1024HMNX Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25C1024HMNX Datasheet HTML 9Page - List of Unclassifed Manufacturers SA25C1024HMNX Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SA25C1024 Data Sheet
SAIFUN
6
Product Specifications
Absolute Maximum Ratings
Ambient Storage Temperature
-65
°C to +150 °C
All input or output voltages with
respect to Ground
4.5 V to -0.3 V (L)
6.5 V to -0.3 V (H)
Lead Temperature
(Soldering, 10 seconds)
+235
°C
Latch Up Specifications
Latch Up
100 mA on all pins, +125
°C
ESD Specifications
Human Body Model
Per MIL-STD 883 Method 3015.7
Voltage Levels
500 V to 5 KV, in increments of 500 V;
proceed to 8000 V or until failure
Machine Model
Per JEDEC standard JESD22-A115
Voltage levels
50 V to 300 V, in increments of 50 V;
proceed to 500 V or until failure
Operating Conditions
Ambient Operating Temperature:
SA25C1024
SA25C1024E
0
°C to +70 °C
-40
°C to +85 °C
Positive Power Supply:
SA25C1024L
SA25C1024H
2.7 V to 3.6 V
4.5 V to 5.5 V


Podobny numer części - SA25C1024HMNX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SA25C020 ETC-SA25C020 Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLF ETC-SA25C020LEMLF Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFF ETC-SA25C020LEMLFF Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFFX ETC-SA25C020LEMLFFX Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFX ETC-SA25C020LEMLFX Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
More results

Podobny opis - SA25C1024HMNX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SA25C512 ETC-SA25C512 Datasheet
1Mb / 19P
   512Kb EEPROM SPI with 10MHz and Low Standby
logo
Everspin Technologies I...
MR25H10 EVERSPIN-MR25H10 Datasheet
1Mb / 20P
   1Mb Serial SPI MRAM
Rev. 9.5 3/2018
logo
STMicroelectronics
AN970 STMICROELECTRONICS-AN970 Datasheet
69Kb / 10P
   SPI COMMUNICATION BETWEEN ST7 AND EEPROM
logo
Xicor Inc.
X5645 XICOR-X5645 Datasheet
117Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
logo
Intersil Corporation
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5643 RENESAS-X5643 Datasheet
734Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5328 INTERSIL-X5328 Datasheet
340Kb / 21P
   CPU Supervisor with 32Kbit SPI EEPROM
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com