Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-MS00x-104R Arkusz danych(PDF) 11 Page - Silicon Laboratories

Numer części ADS-MS00x-104R
Szczegółowy opis  Embedded Bluetooth Low Energy Solutions
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

ADS-MS00x-104R Arkusz danych(HTML) 11 Page - Silicon Laboratories

Back Button ADS-MS00x-104R Datasheet HTML 7Page - Silicon Laboratories ADS-MS00x-104R Datasheet HTML 8Page - Silicon Laboratories ADS-MS00x-104R Datasheet HTML 9Page - Silicon Laboratories ADS-MS00x-104R Datasheet HTML 10Page - Silicon Laboratories ADS-MS00x-104R Datasheet HTML 11Page - Silicon Laboratories ADS-MS00x-104R Datasheet HTML 12Page - Silicon Laboratories ADS-MS00x-104R Datasheet HTML 13Page - Silicon Laboratories ADS-MS00x-104R Datasheet HTML 14Page - Silicon Laboratories ADS-MS00x-104R Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AMS00x • Embedded Bluetooth Low Energy Solution
Bluetooth RF Specifications, Section 4
ADS-MS00x-107R • Preliminary Data Sheet
Page | 7
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
4.3 Transmitter Specifications
Table 10. Transmitter Performance Specifications
Parameter
Condition/Notes
Min
Typical
Max
Unit
Frequency Range
2402
2480
MHz
Operating Temperature
-30
+85
°C
Transmit power2
4.0
dBm
Transmit power variation
Process dependent
2.0
Transmit Power Range
Adjustable via software control
-20
4
dBm
Channel Spacing
2
MHz


Podobny numer części - ADS-MS00x-104R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
ADS-MW006-100R SILABS-ADS-MW006-100R Datasheet
3Mb / 37P
   This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
June 26, 2019
ADS-MW006-101R SILABS-ADS-MW006-101R Datasheet
3Mb / 37P
   This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
June 26, 2019
ADS-MW006-102R SILABS-ADS-MW006-102R Datasheet
3Mb / 37P
   This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
June 26, 2019
ADS-MW006-103R SILABS-ADS-MW006-103R Datasheet
3Mb / 37P
   This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
June 26, 2019
ADS-MW006-104R SILABS-ADS-MW006-104R Datasheet
3Mb / 37P
   This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
June 26, 2019
More results

Podobny opis - ADS-MS00x-104R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
AMS002-E03 SILABS-AMS002-E03 Datasheet
1Mb / 29P
   Embedded Bluetooth Low Energy Solutions
logo
List of Unclassifed Man...
AMS001 ETC2-AMS001 Datasheet
1Mb / 29P
   Embedded Bluetooth Low Energy Solutions
logo
LAPIS Semiconductor Co....
ML7105 LAPIS-ML7105 Datasheet
683Kb / 30P
   Bluetooth Low Energy
logo
Shenzhen Lanke Xuntong ...
PTR5518 XUNTONG-PTR5518 Datasheet
339Kb / 6P
   Coin-size Bluetooth Low Energy System on Module Embedded Cortex
logo
STMicroelectronics
STLBC01 STMICROELECTRONICS-STLBC01 Datasheet
1Mb / 40P
   Bluetooth low energy controller
logo
Murata Manufacturing Co...
MBN52832 MURATA1-MBN52832 Datasheet
1Mb / 34P
   Bluetooth Low Energy modul
logo
Asahi Kasei Microsystem...
AK1594 AKM-AK1594 Datasheet
1Mb / 52P
   Bluetooth Low Energy transmitter
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
   Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
   Bluetooth Low Energy Module
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
   Bluetooth Low Energy Module
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com