Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STFH24N60M2 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części STFH24N60M2
Szczegółowy opis  N-channel 600 V, 0.168 ??typ., 18 A MDmesh??M2 Power MOSFET in a TO-220FP wide creepage package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFH24N60M2 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button STFH24N60M2 Datasheet HTML 4Page - STMicroelectronics STFH24N60M2 Datasheet HTML 5Page - STMicroelectronics STFH24N60M2 Datasheet HTML 6Page - STMicroelectronics STFH24N60M2 Datasheet HTML 7Page - STMicroelectronics STFH24N60M2 Datasheet HTML 8Page - STMicroelectronics STFH24N60M2 Datasheet HTML 9Page - STMicroelectronics STFH24N60M2 Datasheet HTML 10Page - STMicroelectronics STFH24N60M2 Datasheet HTML 11Page - STMicroelectronics STFH24N60M2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
STFH24N60M2
10/12
DocID029415 Rev 2
Table 9: TO-220FP wide creepage package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.60
4.70
4.80
B
2.50
2.60
2.70
D
2.49
2.59
2.69
E
0.46
0.59
F
0.76
0.89
F1
0.96
1.25
F2
1.11
1.40
G
8.40
8.50
8.60
G1
4.15
4.25
4.35
H
10.90
11.00
11.10
L2
15.25
15.40
15.55
L3
28.70
29.00
29.30
L4
10.00
10.20
10.40
L5
2.55
2.70
2.85
L6
16.00
16.10
16.20
L7
9.05
9.15
9.25
Dia
3.00
3.10
3.20


Podobny numer części - STFH24N60M2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STFH10N60M2 STMICROELECTRONICS-STFH10N60M2 Datasheet
1Mb / 12P
   Extremely low gate charge
August 2016 Rev 3
STFH10N60M6 STMICROELECTRONICS-STFH10N60M6 Datasheet
552Kb / 12P
   N-channel 600 V, 520 m typ., 6.4 A MDmesh M6 Power MOSFET in a TO-220FP wide creepage package
May 2019 Rev 2
STFH13N60M2 STMICROELECTRONICS-STFH13N60M2 Datasheet
674Kb / 12P
   Extremely low gate charge
June 2016 Rev 2
STFH18N60M2 STMICROELECTRONICS-STFH18N60M2 Datasheet
692Kb / 12P
   Extremely low gate charge
June 2016 Rev 2
STFH40N60M2 STMICROELECTRONICS-STFH40N60M2 Datasheet
726Kb / 12P
   N-channel 600 V, 0.078 typ., 34 A MDmeshTM M2 Power MOSFET in a TO-220FP wide creepage package
June 2016 Rev 1
More results

Podobny opis - STFH24N60M2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STFU24N60M2 STMICROELECTRONICS-STFU24N60M2 Datasheet
692Kb / 12P
   N-channel 600 V, 0.168 廓 typ., 18 A MDmesh??M2 Power MOSFET in a TO-220FP ultra narrow leads package
September 2015 Rev 2
STFH40N60M2 STMICROELECTRONICS-STFH40N60M2 Datasheet
726Kb / 12P
   N-channel 600 V, 0.078 typ., 34 A MDmeshTM M2 Power MOSFET in a TO-220FP wide creepage package
June 2016 Rev 1
STF25N60M2-EP STMICROELECTRONICS-STF25N60M2-EP Datasheet
335Kb / 14P
   N-channel 600 V, 0.175 廓 typ., 18 A MDmesh??M2 EP Power MOSFET in a TO-220FP package
January 2015 Rev 2
STFH10N60M6 STMICROELECTRONICS-STFH10N60M6 Datasheet
552Kb / 12P
   N-channel 600 V, 520 m typ., 6.4 A MDmesh M6 Power MOSFET in a TO-220FP wide creepage package
May 2019 Rev 2
STF9HN65M2 STMICROELECTRONICS-STF9HN65M2 Datasheet
444Kb / 13P
   N-channel 600 V, 0.71 廓 typ., 5.5 A MDmesh??M2 Power MOSFET in a TO-220FP package
April 2015 Rev 2
STF11N60M2-EP STMICROELECTRONICS-STF11N60M2-EP Datasheet
305Kb / 14P
   N-channel 600 V, 0.550 typ., 7.5 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
April 2018 Rev 4
STF20N60M2-EP STMICROELECTRONICS-STF20N60M2-EP Datasheet
288Kb / 14P
   N-channel 600 V, 0.230 typ., 13 A, MDmesh™ M2 EP Power MOSFET in a TO-220FP package
June 2018 Rev 4
STF27N60M2-EP STMICROELECTRONICS-STF27N60M2-EP Datasheet
665Kb / 13P
   N-channel 600 V, 0.150 廓 typ., 20 A MDmesh??M2 EP Power MOSFET in TO-220FP package
January 2016 Rev 1
STFU18N60M2 STMICROELECTRONICS-STFU18N60M2 Datasheet
513Kb / 12P
   N-channel 600 V, 0.255 typ., 13 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
June 2019 Rev 3
STP25N60M2-EP STMICROELECTRONICS-STP25N60M2-EP Datasheet
253Kb / 14P
   N-channel 600 V, 0.175 廓 typ., 18 A MDmesh??M2 EP Power MOSFET in a TO-220 package
January 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com