Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Si4461 Arkusz danych(PDF) 8 Page - Silicon Laboratories

Numer części Si4461
Szczegółowy opis  HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4461 Arkusz danych(HTML) 8 Page - Silicon Laboratories

Back Button Si4461 Datasheet HTML 4Page - Silicon Laboratories Si4461 Datasheet HTML 5Page - Silicon Laboratories Si4461 Datasheet HTML 6Page - Silicon Laboratories Si4461 Datasheet HTML 7Page - Silicon Laboratories Si4461 Datasheet HTML 8Page - Silicon Laboratories Si4461 Datasheet HTML 9Page - Silicon Laboratories Si4461 Datasheet HTML 10Page - Silicon Laboratories Si4461 Datasheet HTML 11Page - Silicon Laboratories Si4461 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Si4463/61/60-C
8
Rev 1.0
Image Rejection
(IF = 468.75 kHz)
ImREJ
No image rejection calibration. Rejec-
tion at the image frequency.
RF = 460 MHz
30
40
dB
With image rejection calibration in
Si446x. Rejection at the image fre-
quency. RF = 460 MHz
40
55
dB
No image rejection calibration. Rejec-
tion at the image frequency.
RF = 915 MHz
30
45
dB
With image rejection calibration in
Si446x. Rejection at the image fre-
quency. RF = 915 MHz
40
52
dB
No image rejection calibration. Rejec-
tion at the image frequency.
RF = 169 MHz
35
45
dB
With image rejection calibration in
Si446x. Rejection at the image fre-
quency. RF = 169 MHz
45
60
dB
Table 3. Receiver AC Electrical Characteristics1,2 (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2.
For PER tests, 48 preamble symbols, 4 byte sync word, 10 byte payload and CRC-32 was used.
3.
Measured over 50000 bits using PN9 data sequence and data and clock on GPIOs. Sensitivity is expected to be better
if reading data from packet handler FIFO especially at higher data rates.


Podobny numer części - Si4461

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI4461 ETC2-SI4461 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4461 ETC2-SI4461 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
Si4461 SILABS-Si4461 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE
Si4461 SILABS-Si4461 Datasheet
859Kb / 56P
   HIGH-PERFORMANCE
SI4461 SILABS-SI4461 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
More results

Podobny opis - Si4461

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
4463C-915-PDK SILABS-4463C-915-PDK Datasheet
1Mb / 56P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
SI4467-A2A-IM SILABS-SI4467-A2A-IM Datasheet
1Mb / 57P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
SI4463-C2A-GM SILABS-SI4463-C2A-GM Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
SI4438-C2A-GM SILABS-SI4438-C2A-GM Datasheet
1Mb / 44P
   GH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0
logo
Texas Instruments
CC1121RHBT TI1-CC1121RHBT Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Low Power RF Transceiver
logo
HOPE Microelectronics C...
RFM75P HOPE-RFM75P Datasheet
1Mb / 26P
   Low Power High Performance GFSK Transceiver
logo
Texas Instruments
CC1200 TI1-CC1200 Datasheet
1Mb / 30P
[Old version datasheet]   Low Power, High Performance RF Transceiver
CC1201 TI1-CC1201 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Power, High-Performance RF Transceiver
CC1121 TI1-CC1121 Datasheet
897Kb / 29P
[Old version datasheet]   High Performance Low Power RF Transceiver
logo
HOPE Microelectronics C...
RFM75 HOPE-RFM75 Datasheet
1Mb / 28P
   Low Power High Performance GFSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com