Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Si4721-B20-GM Arkusz danych(PDF) 10 Page - Silicon Laboratories

Numer części Si4721-B20-GM
Szczegółowy opis  BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4721-B20-GM Arkusz danych(HTML) 10 Page - Silicon Laboratories

Back Button Si4721-B20-GM Datasheet HTML 6Page - Silicon Laboratories Si4721-B20-GM Datasheet HTML 7Page - Silicon Laboratories Si4721-B20-GM Datasheet HTML 8Page - Silicon Laboratories Si4721-B20-GM Datasheet HTML 9Page - Silicon Laboratories Si4721-B20-GM Datasheet HTML 10Page - Silicon Laboratories Si4721-B20-GM Datasheet HTML 11Page - Silicon Laboratories Si4721-B20-GM Datasheet HTML 12Page - Silicon Laboratories Si4721-B20-GM Datasheet HTML 13Page - Silicon Laboratories Si4721-B20-GM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Si4720/21-B20
10
Rev. 1.0
Figure 4. 3-Wire Control Interface Write Timing Parameters
Figure 5. 3-Wire Control Interface Read Timing Parameters
Table 6. 3-Wire Control Interface Characteristics
(VDD = 2.7 to 5.5 V, VIO = 1.5 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
SCLK Frequency
fCLK
0—
2.5
MHz
SCLK High Time
tHIGH
25
ns
SCLK Low Time
tLOW
25
ns
SDIO Input, SEN to SCLK
Setup
tS
20
ns
SDIO Input to SCLK
Hold
tHSDIO
10
ns
SEN Input to SCLK
Hold
tHSEN
10
ns
SCLK
to SDIO Output Valid
tCDV
Read
2
25
ns
SCLK
to SDIO Output High Z
tCDZ
Read
2
25
ns
SCLK, SEN, SDIO, Rise/Fall time
tR, tF
10
ns
Note: When selecting 3-wire mode, the user must ensure that a rising edge of SCLK does not occur within 300 ns before the
rising edge of RST.
SCLK
70%
30%
SEN
70%
30%
SDIO
A7
A0
70%
30%
tS
tS
tHSDIO
tHSEN
A6-A5,
R/W,
A4-A1
Address In
Data In
D15
D14-D1
D0
tHIGH
tLOW
tR
tF
½ Cycle Bus
Turnaround
SCLK
70%
30%
SEN
70%
30%
SDIO
70%
30%
tHSDIO
tCDV
tCDZ
Address In
Data Out
A7
A0
A6-A5,
R/W,
A4-A1
D15
D14-D1
D0
tS
tS
tHSEN


Podobny numer części - Si4721-B20-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI4721-B20-GM SKYWORKS-SI4721-B20-GM Datasheet
617Kb / 47P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Rev. 1.0 November 9, 2021
More results

Podobny opis - Si4721-B20-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4720 SILABS-SI4720 Datasheet
198Kb / 2P
   Broadcast FM Radio Transceiver for Portable Applications
SI4720-B20 SILABS-SI4720-B20 Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
logo
Skyworks Solutions Inc.
SI4720-B20 SKYWORKS-SI4720-B20 Datasheet
617Kb / 47P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Rev. 1.0 November 9, 2021
logo
Silicon Laboratories
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
SI4700 SILABS-SI4700 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4702 SILABS-SI4702 Datasheet
184Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4708 SILABS-SI4708 Datasheet
997Kb / 3P
   Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4708-C SKYWORKS-SI4708-C Datasheet
412Kb / 39P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.6 to Revision 1.0
logo
Silicon image
SI4703-C19-GM SILICONIMAGE-SI4703-C19-GM Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
logo
Silicon Laboratories
SI4703-C19-GM SILABS-SI4703-C19-GM Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com