Zakładka z wyszukiwarką danych komponentów |
|
SLWSTK6000A Arkusz danych(PDF) 2 Page - Silicon Laboratories |
|
SLWSTK6000A Arkusz danych(HTML) 2 Page - Silicon Laboratories |
2 / 80 page 1. Features • Low Power Wireless System-on-Chip. • High Performance 32-bit 40 MHz ARM Cortex-M4 with DSP instruction and floating-point unit for efficient signal processing • Up to 256 kB flash program memory • Up to 32 kB RAM data memory • 2.4 GHz radio operation • TX power up to 19.5 dBm • Low Energy Consumption • 8.6 mA RX current at 2.4 GHz (1 Mbps GFSK) • 9.1 mA RX current at 2.4 GHz (250 kbps O-QPSK DSSS) • 8.2 mA TX current @ 0 dBm output power at 2.4 GHz • 60 µA/MHz in Energy Mode 0 (EM0) • 1.35 µA EM2 DeepSleep current (full RAM retention and RTCC running from LFXO) • 1 µA EM3 Stop current (State/RAM retention) • Wake on Radio with signal strength detection, preamble pattern detection, frame detection and timeout • High Receiver Performance • -94 dBm sensitivity at 1 Mbps GFSK • -99.4 dBm sensitivity at 250 kbps O-QPSK DSSS • Modulation Format(s) Supported • 2-FSK / 4-FSK with fully configurable shaping • Shaped OQPSK / (G)MSK • Supported Protocol(s) • Bluetooth Smart • ZigBee® • Thread • 2.4 GHz Proprietary Protocols • Wide selection of MCU peripherals • 12-bit 1 Msamples/s SAR Analog to Digital Converter • 2× Analog Comparator • Digital to Analog Current Converter (IDAC) • Up to 31 pins connected to analog channels (APORT) shared between Analog Comparators, ADC, and IDAC • 31 General Purpose I/O pins with output state retention and asynchronous interrupts • 8 Channel DMA Controller • 12 Channel Peripheral Reflex System (PRS) • Hardware Crypto Acceleration with public key support • 2×16-bit Timer/Counter • 3 + 4 Compare/Capture/PWM channels • 32-bit Real Time Counter and Calendar • 16-bit Low Energy Timer for waveform generation • 32-bit Ultra Low Energy Timer/Counter for periodic wake- up from any Energy Mode • 16-bit Pulse Counter with asynchronous operation • Watchdog Timer with dedicated RC oscillator @ 50 nA • 2×Universal Synchronous/Asynchronous Receiver/Trans- mitter (UART/SPI/SmartCard (ISO 7816)/IrDA/I2S) • Low Energy UART (LEUARTTM) • I2C interface with SMBus support and address recogni- tion in EM3 Stop • Wide Operating Range • 1.62 V to 3.8 V single power supply • -40 °C to 85 °C • QFN48 7x7 mm Package EFR32MG1X232 Data Sheet Features silabs.com | Smart. Connected. Energy-friendly. Preliminary Rev. 0.71 | 1 |
Podobny numer części - SLWSTK6000A |
|
Podobny opis - SLWSTK6000A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |