Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC817 Arkusz danych(PDF) 1 Page - Zetex Semiconductors

Numer części BC817
Szczegółowy opis  SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZETEX [Zetex Semiconductors]
Strona internetowa  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BC817 Arkusz danych(HTML) 1 Page - Zetex Semiconductors

  BC817_06 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 NPN SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 4 – june 1996
7
PARTMARKING DETAILS
BC817
– 6DZ
BC818
– 6HZ
BC817-16 – 6AZ
BC818-16 – 6EZ
BC817-25 – 6BZ
BC818-25 – 6FZ
BC817-40 – 6CZ
BC818-40 – 6GZ
COMPLEMENTARY TYPES
BC817
– BC807
BC818
– BC808
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
BC817
BC818
UNIT
Collector-Base Voltage
VCBO
50
30
V
Collector-Emitter Voltage
VCEO
45
25
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
1A
Continuous Collector Current
IC
500
mA
Base Current
IB
100
mA
Peak Base Current
IBM
200
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN. TYP. MAX. UNIT CONDITIONS.
Collector Cut-Off
Current
ICBO
0.1
5
µ
A
µ
A
VCB=20V, IE=0
VCB=20V, IE=0, Tamb=150°C
Emitter Cut-Off Current
IEBO
10
µ
A
VEB=5V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
700
mV
IC=500mA, IB=50mA*
Base-Emitter
Turn-on Voltage
VBE(on)
1.2
V
IC=500mA, VCE=1V*
Static Forward Current
Transfer Ratio
hFE
100
40
600
IC=100mA, VCE=1V*
IC=500mA, VCE=1V*
-16
100
250
IC=100mA, VCE=1V*
-25
160
400
IC=100mA, VCE=1V*
-40
250
600
IC=100mA, VCE=1V*
Transition
Frequency
fT
200
MHz IC=10mA, VCE=5V
f=35MHz
Collector-base
Capacitance
Cobo
5.0
pF
IE=Ie=0, VCB=10V
f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
BC817
BC818
C
B
E
SOT23
3 - 10
PART OBSOLETE - USE BCW66H


Podobny numer części - BC817_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
More results

Podobny opis - BC817_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BCW65 DIODES-BCW65 Datasheet
57Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
List of Unclassifed Man...
BCW66HTA ETC-BCW66HTA Datasheet
57Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Fairchild Semiconductor
FMMT38CTA FAIRCHILD-FMMT38CTA Datasheet
78Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
List of Unclassifed Man...
BSS66 ETC-BSS66 Datasheet
34Kb / 1P
   SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Zetex Semiconductors
BSS66 ZETEX-BSS66 Datasheet
36Kb / 1P
   SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Diodes Incorporated
FMMT38A DIODES-FMMT38A Datasheet
78Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
FMMT549 DIODES-FMMT549 Datasheet
131Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FMMTA56 DIODES-FMMTA56 Datasheet
47Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FMMT495 DIODES-FMMT495 Datasheet
127Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM
FMMTA56 DIODES-FMMTA56_15 Datasheet
47Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com