Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL2610 Arkusz danych(PDF) 5 Page - Zarlink Semiconductor Inc

Numer części SL2610
Szczegółowy opis  Wide Dynamic Range Image Reject MOPLL
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZARLINK [Zarlink Semiconductor Inc]
Strona internetowa  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2610 Arkusz danych(HTML) 5 Page - Zarlink Semiconductor Inc

  SL2610 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL2610 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL2610 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL2610 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL2610 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL2610 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL2610 Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2610 Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2610 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SL2610
Data Sheet
5
Zarlink Semiconductor Inc.
1.0
Functional Description
The SL2610 is a multi band RF mixer oscillator with image reject and on-board frequency synthesizer. It is intended
primarily for application in all band terrestrial tuners and requires a minimum external component count. It contains
all elements required for RF downconversion to a standard IF with the exception of external VCO tank circuits.
The pin allocation is contained in Figure 2 and the block diagram in Figure 1.
1.1
Mixer/oscillator section
In normal application the RF input is interfaced to the selected mixer oscillator preamplifier through the tuner
prefilter and AGC stages. The mixer input is arranged such that the signal can be coupled either differentially or
single-ended, and achieves the specified minimum performance in both configurations. Band input impedances
and NF are contained in Figure 11 and Figure 12 respectively. The converter two tone input spectra are contained
in Figure 13 and Figure 14.
The preamplifier output then feeds the mixer stage where the required channel is image reject downconverted to
the IF frequency. The local oscillator frequency for the downconversion is obtained from the on board local
oscillator, which uses an external varactor tuned tank. Typical VCO applications are contained in Figures 8, 9 and
10.
The output of the mixer is then fed to the converter output driver which presents a matched 200
differential load
to an external IF shaping filter.
The output of the shaping filter is then coupled into the IFAMP stage, which provides further gain and offers a 50
output impedance to interface direct with the tuner SAW filter.
The SL2610 contains a broadband level detect circuit whose output can be used to control the tuner AGC. The
target level of the AGC detector is controlled by the voltage applied to the AGCBIAS pin. The characteristic of the
target level is given in Figure 18.
1.2
PLL Frequency Synthesizer
The PLL frequency synthesizer section contains all the elements necessary, with the exception of a frequency
reference and loop filter, to control a varicap tuned local oscillator, so forming a complete PLL frequency
synthesised source. The device allows for operation with a high comparison frequency and is fabricated in high
speed logic, which enables the generation of a loop with good phase noise performance. It can also be operated
with comparison frequencies appropriate for frequency offsets as required in digital terrestrial (DTT) receivers.
The LO signal is multiplexed from the selected oscillator section to an internal preamplifier which provides gain and
reverse isolation from the divider signals. The output of the preamplifier interfaces direct with the 15-bit fully
programmable divider which is of MN+A architecture, where the dual modulus prescaler is 16/17, the A counter is
4-bits and the M counter is 11 bits.
The output of the programmable divider is fed to the phase comparator where it is compared in both phase and
frequency domain with the comparison frequency. This frequency is derived either from the on-board crystal
controlled oscillator or from an external reference source. In both cases the reference frequency is divided down to
the comparison frequency by the reference divider which is programmable into 1 of 29 ratios as detailed in Table 1.
The output of the phase detector feeds a charge pump and loop amplifier section which when used with an external
loop filter integrates the current pulses into the varactor line voltage.
The programmable divider output Fpd, divided by two and the reference divider output Fcomp, can be switched to
port P0 by programming the device into test mode. The test modes are described in Table 5.


Podobny numer części - SL2610

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Galaxy Semi-Conductor H...
SL26 BILIN-SL26 Datasheet
64Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Yangzhou yangjie electr...
SL26 YANGJIE-SL26 Datasheet
150Kb / 2P
   Schottky Rectifier
logo
Galaxy Semi-Conductor H...
SL26 BILIN-SL26 Datasheet
536Kb / 4P
   Schottky Barrier Rectifiers
logo
RFE international
SL26 RFE-SL26 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-04-2022
logo
GOOD-ARK Electronics
SL26A GOOD-ARK-SL26A Datasheet
196Kb / 3P
   Surface Mount Schottky Barrier Rectifier
More results

Podobny opis - SL2610

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
PS20063 ETC2-PS20063 Datasheet
858Kb / 39P
   Image Reject MOPLL with IF AGC Amplifier
logo
M/A-COM Technology Solu...
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
   Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH_15 Datasheet
692Kb / 6P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH Datasheet
692Kb / 6P
   Image Reject Mixer
logo
Merrimac Industries, In...
IMM-2D-20 MERRIMAC-IMM-2D-20 Datasheet
40Kb / 1P
   IMAGE REJECT MIXERS
IMP-2S-10 MERRIMAC-IMP-2S-10 Datasheet
146Kb / 2P
   IMAGE REJECT MIXERS
logo
API Technologies Corp
IRM5XMS-1 APITECH-IRM5XMS-1 Datasheet
1Mb / 1P
   Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1001-BD MA-COM-XM1001-BD Datasheet
1Mb / 10P
   Image Reject Mixer
logo
Merrimac Industries, In...
IMF-2F-10 MERRIMAC-IMF-2F-10 Datasheet
41Kb / 1P
   IMAGE REJECT MIXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com