Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL6610KG Arkusz danych(PDF) 5 Page - Zarlink Semiconductor Inc

Numer części SL6610KG
Szczegółowy opis  Direct Conversion FSK Data Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZARLINK [Zarlink Semiconductor Inc]
Strona internetowa  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6610KG Arkusz danych(HTML) 5 Page - Zarlink Semiconductor Inc

  SL6610KG Datasheet HTML 1Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 2Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 3Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SL6610
4
RECEIVER CHARACTERISTICS (Demonstration board)
Measurement conditions unless stated VCC1 = 1.3V, VCC2 = 2.7V, LNA = 20dB Power Gain, 2dB Noise figure,
Carrier frequency 282MHz, BER 1 in 30, Tamb = 25°C
(TPx/TPy typically:- 160mV
PP ± 10% for - 73dBm RF input to the LNA)
Min
-128
50
67
-126
55.5
72.5
+/- 2.3
+/- 2.2
dBm
dB
dB
kHz
kHz
Sensitivity
Intermodulation
Adjacent channel
Centre frequency acceptance
Deviation acceptance
Characteristics
Pin
Comments
Max
-123
Typ
Value
Units
1200 bps
∆f = 4kHz
LO = -15dBm
1200 bps
∆f = 4kHz
LO = -15dBm
1200 bps
∆f = 4kHz
LO = -15dBm
Channel spacing 25kHz
1200 bps
∆f = 4kHz
LO = -15dBm
1200 bps
∆f = 4kHz
LO = -15dBm
RECEIVER CHARACTERISTICS
Measurement conditions unless stated VCC1 = 1.3V, VCC2 = 2.7V, LNA = 22dB Power Gain, 2dB Noise figure,
Carrier frequency 470MHz, BER 1 in 30, Tamb = 25°C
(TPx/TPy typically:- 140mV
PP ± 10% for - 73dBm RF input to the LNA)
1200 bps
∆f = 4kHz
2400 bps
∆f = 4.5kHz
LO = -15dBm
1200 bps
∆f = 4kHz
2400 bps
∆f = 4.5kHz
LO = -15dBm
1200 bps
∆f = 4kHz
LO = -15dBm
1200 bps
∆f = 4kHz
2400 bps
∆f = 4.5kHz
LO = -15dBm
Channel spacing 25kHz
1200 bps
∆f = 4kHz
2400 bps
∆f = 4.5kHz
LO = -15dBm
1200 bps
∆f = 4kHz
2400 bps
∆f = 4.5kHz
LO = -15dBm
-128
-125.5
56
53.5
52
72.5
69.5
+/-2.3
+/-2
+/-2.2
+/-2
Min
-130
52
49
47
67
64
+/-1.9
dBm
dBm
dB
dB
dB
kHz
kHz
Sensitivity
Intermodulation (IP3)
Intermodulation (IP2)
Adjacent channel
Centre frequency acceptance
Deviation acceptance
Characteristics
Pin
Comments
Max
-125
-122
Typ
Value
Units


Podobny numer części - SL6610KG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6619KG MITEL-SL6619KG Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6619KG ZARLINK-SL6619KG Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6619TP1N MITEL-SL6619TP1N Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
More results

Podobny opis - SL6610KG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com