Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STGW15S120DF3 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części STGW15S120DF3
Szczegółowy opis  Trench gate field-stop IGBT, S series 1200 V, 15 A low drop
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW15S120DF3 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button STGW15S120DF3 Datasheet HTML 6Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 7Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 8Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 9Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 10Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 11Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 12Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 13Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Electrical characteristics curves
STGW15S120DF3, STGWA15S120DF3
10/18
DocID026371 Rev 2
Figure 26. Reverse recovery energy vs. diode
current slope


Podobny numer części - STGW15S120DF3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
March 2015 Rev 5
STGW15H120F2 STMICROELECTRONICS-STGW15H120F2 Datasheet
801Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
April 2015 Rev 5
STGW15M120DF3 STMICROELECTRONICS-STGW15M120DF3 Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, M series 1200 V, 15 A low loss
October 2014 Rev 2
More results

Podobny opis - STGW15S120DF3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STGW25S120DF3 STMICROELECTRONICS-STGW25S120DF3 Datasheet
703Kb / 18P
   Trench gate field-stop IGBT, S series 1200 V, 25 A low drop
December 2014 Rev 2
STGW40S120DF3 STMICROELECTRONICS-STGW40S120DF3 Datasheet
724Kb / 18P
   Trench gate field-stop IGBT, S series 1200 V, 40 A low drop
December 2014 Rev 2
logo
Fairchild Semiconductor
FGH15T120SMD FAIRCHILD-FGH15T120SMD Datasheet
257Kb / 9P
   1200 V, 15 A Field Stop Trench IGBT
logo
STMicroelectronics
STGW15M120DF3 STMICROELECTRONICS-STGW15M120DF3 Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, M series 1200 V, 15 A low loss
October 2014 Rev 2
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
March 2015 Rev 5
STGW15H120F2 STMICROELECTRONICS-STGW15H120F2 Datasheet
801Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
April 2015 Rev 5
STGW40M120DF3 STMICROELECTRONICS-STGW40M120DF3 Datasheet
1Mb / 18P
   Trench gate field-stop IGBT, M series 1200 V, 40 A low loss
November 2014 Rev 3
STGW25M120DF3 STMICROELECTRONICS-STGW25M120DF3 Datasheet
1Mb / 18P
   Trench gate field-stop IGBT, M series 1200 V, 25 A low loss
October 2014 Rev 2
logo
ON Semiconductor
FGH12040WD ONSEMI-FGH12040WD Datasheet
812Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4
logo
Fairchild Semiconductor
FGL12040WD FAIRCHILD-FGL12040WD Datasheet
1Mb / 9P
   1200 V, 40 A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com