Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STGW40H60DLFB Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części STGW40H60DLFB
Szczegółowy opis  Trench gate field-stop IGBT, HB series 600 V, 40 A high speed
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW40H60DLFB Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button STGW40H60DLFB Datasheet HTML 3Page - STMicroelectronics STGW40H60DLFB Datasheet HTML 4Page - STMicroelectronics STGW40H60DLFB Datasheet HTML 5Page - STMicroelectronics STGW40H60DLFB Datasheet HTML 6Page - STMicroelectronics STGW40H60DLFB Datasheet HTML 7Page - STMicroelectronics STGW40H60DLFB Datasheet HTML 8Page - STMicroelectronics STGW40H60DLFB Datasheet HTML 9Page - STMicroelectronics STGW40H60DLFB Datasheet HTML 10Page - STMicroelectronics STGW40H60DLFB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DocID024370 Rev 4
7/17
STGW40H60DLFB, STGWT40H60DLFB
Electrical characteristics
Figure 8. Collector current vs. switching
frequency
Figure 9. Forward bias safe operating area
IC
60
40
20
0
1
f(
kHz)
(A)
80
10
100
Rectangular current shape
(duty cycle= 0.5, VCC= 400V, Rg=4.7Ω,
VGE = 0/15 V, TJ = 175 °C)
TC= 80°C
TC= 100°C
GIPD011020131340FSR
IC
100
10
1
0.1
1
VCE(
V)
(A)
10
10 μs
100 μs
1 ms
Single pulse
Tc= 25°C, TJ<= 175°C
VGE= 15V
100
GIPD011020131351FSR
Figure 10. Transfer characteristics
Figure 11. Diode VF vs. forward current
IC
60
40
20
0
6
7
VGE(V)
(A)
10
80
8
9
100
TJ=175°C
120
140
-40°C
25°C
VCE=5V
GIPD011020131146FSR
VF
2.1
1.7
1.3
0.9
20
IF(
A)
(V)
30
TJ= 175°C
40
50
60
70
TJ= 25°C
TJ= -40°C
GIPD011020131402FSR
Figure 12. Normalized VGE(th) vs junction
temperature
Figure 13. Normalized V(BR)CES vs. junction
temperature
VGE(th)
1.1
1.0
0.6
-50
TJ
C)
(norm)
0
50
100
150
IC= 2mA
VCE= VGE
0.7
0.8
0.9
GIPD011020131418FSR
V(BR)CES
1.1
1.0
0.9
-50
TJ
C)
(norm)
0
50
100
150
IC= 2mA
GIPD011020131412FSR


Podobny numer części - STGW40H60DLFB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STGW40H65DFB STMICROELECTRONICS-STGW40H65DFB Datasheet
503Kb / 16P
   Trench gate field-stop 650 V, 40 A high speed HB series IGBT
DS9533 - Rev 9 - June 2019
STGW40H65DFB-4 STMICROELECTRONICS-STGW40H65DFB-4 Datasheet
479Kb / 15P
   Trench gate field-stop 650 V, 40 A high speed HB series IGBT
June 2019
STGW40H65FB STMICROELECTRONICS-STGW40H65FB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
March 2017 Rev 7
More results

Podobny opis - STGW40H60DLFB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2015 Rev 2
STGW30H60DFB STMICROELECTRONICS-STGW30H60DFB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
November 2016 Rev 3
STGW60H60DLFB STMICROELECTRONICS-STGW60H60DLFB Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, HB series 600 V, 60 A high speed
February 2014 Rev 3
STGB30H60DLFB STMICROELECTRONICS-STGB30H60DLFB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
July 2014 Rev 2
STGWT40HP65FB STMICROELECTRONICS-STGWT40HP65FB Datasheet
909Kb / 17P
   Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
STGFW40H65FB STMICROELECTRONICS-STGFW40H65FB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
March 2017 Rev 7
STGW40H65DFB STMICROELECTRONICS-STGW40H65DFB Datasheet
503Kb / 16P
   Trench gate field-stop 650 V, 40 A high speed HB series IGBT
DS9533 - Rev 9 - June 2019
STGB40H65FB STMICROELECTRONICS-STGB40H65FB Datasheet
975Kb / 17P
   Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
STGW40H65DFB-4 STMICROELECTRONICS-STGW40H65DFB-4 Datasheet
479Kb / 15P
   Trench gate field-stop 650 V, 40 A high speed HB series IGBT
June 2019
STGB30H60DLLFBAG STMICROELECTRONICS-STGB30H60DLLFBAG Datasheet
1,009Kb / 17P
   Automotive-grade trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com