Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STGWA40H120DF2 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części STGWA40H120DF2
Szczegółowy opis  Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA40H120DF2 Arkusz danych(HTML) 5 Page - STMicroelectronics

  STGWA40H120DF2 Datasheet HTML 1Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 2Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 3Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 4Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 5Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 6Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 7Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 8Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STGW40H120DF2, STGWA40H120DF2
Electrical characteristics
DocID023753 Rev 5
5/17
Table 6: IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCE = 600 V, IC = 40 A,
VGE = 15 V, RG = 10
Ω
(see Figure 31: " Switching
waveform")
18
-
ns
tr
Current rise time
37
-
ns
(di/dt)on
Turn-on current slope
1755
-
A/µs
td(off)
Turn-off-delay time
152
-
ns
tf
Current fall time
83
-
ns
Eon(1)
Turn-on switching energy
1
-
mJ
Eoff(2)
Turn-off switching energy
1.32
-
mJ
Ets
Total switching energy
2.32
-
mJ
td(on)
Turn-on delay time
VCE = 600 V, IC = 40 A,
VGE = 15 V, RG = 10
Ω
TJ = 175 °C
(see Figure 31: " Switching
waveform" )
36
-
ns
tr
Current rise time
20
-
ns
(di/dt)on
Turn-on current slope
1580
-
A/µs
td(off)
Turn-off-delay time
161
-
ns
tf
Current fall time
190
-
ns
Eon(1)
Turn-on switching energy
1.81
-
mJ
Eoff(2)
Turn-off switching energy
2.46
-
mJ
Ets
Total switching energy
4.27
-
mJ
tsc
Short-circuit withstand time
VCC = 600 V, VGE = 15 V,
TJstart = 150 °C
5
-
µs
Notes:
(1)Including the reverse recovery of the diode.
(2)Including the tail of the collector current.
Table 7: Diode switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 40 A, VR = 600 V,
VGE = 15 V
(see Figure 31: " Switching
waveform") di/dt = 500 A/µs
-
488
ns
Qrr
Reverse recovery charge
-
2.59
µC
Irrm
Reverse recovery current
-
11.6
A
dIrr/dt
Peak rate of fall of reverse
recovery current during tb
-
406
A/µs
Err
Reverse recovery energy
-
0.38
mJ
trr
Reverse recovery time
IF = 40 A, VR = 600 V,
VGE = 15 V TJ = 175 °C
(see Figure 31: " Switching
waveform") di/dt = 500 A/µs
-
484
ns
Qrr
Reverse recovery charge
-
4.5
µC
Irrm
Reverse recovery current
-
18.6
A
dIrr/dt
Peak rate of fall of reverse
recovery current during tb
-
170
A/µs
Err
Reverse recovery energy
-
0.94
mJ


Podobny numer części - STGWA40H120DF2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STGWA40H120F2 STMICROELECTRONICS-STGWA40H120F2 Datasheet
1,002Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
March 2015 Rev 3
More results

Podobny opis - STGWA40H120DF2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STGW40H120F2 STMICROELECTRONICS-STGW40H120F2 Datasheet
1,002Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
March 2015 Rev 3
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
March 2015 Rev 5
STGW15H120F2 STMICROELECTRONICS-STGW15H120F2 Datasheet
801Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
April 2015 Rev 5
STGW25H120F2 STMICROELECTRONICS-STGW25H120F2 Datasheet
957Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
March 2015 Rev 4
STGW25H120DF2 STMICROELECTRONICS-STGW25H120DF2 Datasheet
737Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
March 2015 Rev 4
logo
ON Semiconductor
FGH12040WD ONSEMI-FGH12040WD Datasheet
812Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4
logo
Fairchild Semiconductor
FGL12040WD FAIRCHILD-FGL12040WD Datasheet
1Mb / 9P
   1200 V, 40 A Field Stop Trench IGBT
logo
ON Semiconductor
FGH40T120SMD ONSEMI-FGH40T120SMD Datasheet
524Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
July, 2021 ??Rev. 5
logo
STMicroelectronics
STGB7H60DF STMICROELECTRONICS-STGB7H60DF Datasheet
985Kb / 25P
   Trench gate field-stop IGBT, H series 600 V, 7 A high speed
June 2015 Rev 2
STGB5H60DF STMICROELECTRONICS-STGB5H60DF Datasheet
872Kb / 30P
   Trench gate field-stop IGBT, H series 600 V, 5 A high speed
May 2015 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com