Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CB018D0272 Arkusz danych(PDF) 6 Page - AVX Corporation

Numer części CB018D0272
Szczegółowy opis  Film Chip Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVX [AVX Corporation]
Strona internetowa  http://www.avx.com
Logo AVX - AVX Corporation

CB018D0272 Arkusz danych(HTML) 6 Page - AVX Corporation

  CB018D0272 Datasheet HTML 1Page - AVX Corporation CB018D0272 Datasheet HTML 2Page - AVX Corporation CB018D0272 Datasheet HTML 3Page - AVX Corporation CB018D0272 Datasheet HTML 4Page - AVX Corporation CB018D0272 Datasheet HTML 5Page - AVX Corporation CB018D0272 Datasheet HTML 6Page - AVX Corporation CB018D0272 Datasheet HTML 7Page - AVX Corporation CB018D0272 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
44
Film Chip Capacitors
PPS DIELECTRIC – CB Series
ELECTRICAL CHARACTERISTICS VERSUS TEMPERATURE AND FREQUENCY
ELECTRICAL CHARACTERISTICS
3
2
1
0
-1
-2
-3
DC/C (%)
Temp. (°C)
-75
-50
-25
0
25
50
75
100
125
150
-75
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
RIS = f(F)
RIS (G.ohm)
CB01 / 10NF
CB01 / 39NF
CB02 / 100NF
10000
1000
100
10
1
50
45
40
30
25
20
15
10
5
0
TGTE=f(T)
-75
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
TGTE=(10-4)
Capacitance
Dissipation Factor
Insulation Resistance
FREQUENCY CHARACTERISTICS
1
10
100
1000
10000
Frequency (kHz)
DC/C = f(F)
25
20
15
10
5
0
-5
DC/C (%)
CB01 / 10NF
CB01 / 39NF
CB02 / 100NF
1000
10000
Frequency (kHz)
Z = f(F)
10,000
1,000
0.100
0.010
Z (Ohms)
CB02 8B 0104 J
1
10
100
1000
10000
Frequency (kHz)
TGTE = f(F)
10
9
8
7
6
5
4
3
2
1
0
TGTE (%)
CB01 / 10NF
CB01 / 39NF
CB02 / 100NF
Capacitance
Dissipation Factor
Impedance


Podobny numer części - CB018D0272

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CB012T2R2M ETC1-CB012T2R2M Datasheet
781Kb / 16P
   WOUND CHIP INDUCTORS
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB017C0102JBA AVX-CB017C0102JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
CB017C0103 AVX-CB017C0103 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
More results

Podobny opis - CB018D0272

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVX Corporation
CB037D0224JBA AVX-CB037D0224JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
02013J0R1ABSTR AVX-02013J0R1ABSTR Datasheet
217Kb / 19P
   Thin-Film Chip Capacitors
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
logo
EPCOS
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com