Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7195 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD7195
Szczegółowy opis  4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7195 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD7195_15 Datasheet HTML 2Page - Analog Devices AD7195_15 Datasheet HTML 3Page - Analog Devices AD7195_15 Datasheet HTML 4Page - Analog Devices AD7195_15 Datasheet HTML 5Page - Analog Devices AD7195_15 Datasheet HTML 6Page - Analog Devices AD7195_15 Datasheet HTML 7Page - Analog Devices AD7195_15 Datasheet HTML 8Page - Analog Devices AD7195_15 Datasheet HTML 9Page - Analog Devices AD7195_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
AD7195
Rev. 0 | Page 5 of 44
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments1
LOGIC INPUTS
Input High Voltage, VINH2
2
V
Input Low Voltage, VINL2
0.8
V
Hysteresis2
0.1
0.25
V
Input Currents
−10
+10
μA
LOGIC OUTPUT (DOUT/RDY)
Output High Voltage, VOH2
DVDD − 0.6
V
DVDD = 3 V, ISOURCE = 100 μA
Output Low Voltage, VOL2
0.4
V
DVDD = 3 V, ISINK = 100 μA
Output High Voltage, VOH2
4
V
DVDD = 5 V, ISOURCE = 200 μA
Output Low Voltage, VOL2
0.4
V
DVDD = 5 V, ISINK = 1.6 mA
Floating-State Leakage
Current
−10
+10
μA
Floating-State Output
Capacitance
10
pF
Data Output Coding
Offset binary
SYSTEM CALIBRATION2
Full-Scale Calibration Limit
1.05 × FS
V
Zero-Scale Calibration Limit
−1.05 × FS
V
Input Span
0.8 × FS
2.1 × FS
V
POWER REQUIREMENTS7
Power Supply Voltage
AVDD − AGND
4.75
5.25
V
DVDD − DGND
2.7
5.25
V
Power Supply Currents
AIDD Current
0.85
1
mA
gain = 1, buffer off
1.1
1.3
mA
gain = 1, buffer on
3.5
4.5
mA
gain = 8, buffer off
4
5
mA
gain = 8, buffer on
5
6.4
mA
gain = 16 to 128, buffer off
5.5
6.9
mA
gain = 16 to 128, buffer on
DIDD Current
0.35
0.4
mA
DVDD = 3 V
0.5
0.6
mA
DVDD = 5 V
1.5
mA
External crystal used
IDD (Power-Down Mode)
2
μA
1 Temperature range: −40°C to +105°C.
2 Specification is not production tested, but is supported by characterization data at initial product release.
3 FS is the decimal equivalent of Bit FS9 to Bit FS0 in the mode register.
4 Following a system or internal zero-scale calibration, the offset error is in the order of the noise for the programmed gain and output data rate selected. A system full-
scale calibration reduces the gain error to the order of the noise for the programmed gain and output data rate.
5 The analog inputs are configured for differential mode.
6 REJ60 is a bit in the mode register. When the output data rate is set to 50 Hz, setting REJ60 to 1 places a notch at 60 Hz, allowing simultaneous 50 Hz/60 Hz rejection.
7 Digital inputs equal to DVDD or DGND.


Podobny numer części - AD7195_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7195 AD-AD7195_17 Datasheet
1,010Kb / 45P
   Sigma-Delta ADC with PGA and AC Excitation
More results

Podobny opis - AD7195_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7195 AD-AD7195 Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7193 AD-AD7193 Datasheet
767Kb / 56P
   4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7194 AD-AD7194 Datasheet
1,002Kb / 56P
   8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7195 AD-AD7195_17 Datasheet
1,010Kb / 45P
   Sigma-Delta ADC with PGA and AC Excitation
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com