Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP102AIDRLRG4 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TMP102AIDRLRG4
Szczegółowy opis  Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102AIDRLRG4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TMP102AIDRLRG4 Datasheet HTML 3Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 4Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 5Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 6Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 7Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 8Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 9Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 10Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Diode
Temp.
Sensor
DS
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
andTemp.
Register
Temperature
SCL
1
3
6
4
ALERT
SDA
GND
2
5
V+
ADD0
TMP102
www.ti.com
SBOS397F – AUGUST 2007 – REVISED DECEMBER 2015
7 Detailed Description
7.1 Overview
The TMP102 device is a digital temperature sensor that is optimal for thermal-management and thermal-
protection applications. The TMP102 device is two-wire, SMBus and I2C interface-compatible. The device is
specified over an operating temperature range of –40°C to 125°C. See Functional Block Diagram for a block
diagram of the TMP102 device.
The temperature sensor in the TMP102 device is the chip itself. Thermal paths run through the package leads as
well as the plastic package. The package leads provide the primary thermal path because of the lower thermal
resistance of the metal.
An alternative version of the TMP102 device is available. The TMP112 device has highest accuracy, the same
micro-package, and is pin-to-pin compatible.
Table 1. Advantages of TMP112 versus TMP102
SUPPLY
SUPPLY
SPECIFIED
COMPATIBLE
SUPPLY
LOCAL SENSOR ACCURACY
DEVICE
PACKAGE
VOLTAGE
VOLTAGE
RESOLUTION
CALIBRATION
INTERFACES
CURRENT
(MAX)
(MIN)
(MAX)
DRIFT SLOPE
SOT563
12 bit
0.5°C: (0°C to 65°C)
I
2C
TMP112
10 µA
1.4 V
3.6 V
Yes
1.2 × 1.6 × 0.6
0.0625°C
1°C: (-40°C to 125°C)
SMBus
SOT563
12 bit
2°C: (25°C to 85°C)
I
2C
TMP102
10 µA
1.4 V
3.6 V
No
1.2 × 1.6 × 0.6
0.0625°C
3°C: (-40°C to 125°C)
SMBus
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Digital Temperature Output
The digital output from each temperature measurement is stored in the read-only temperature register. The
temperature register of the TMP102 device is configured as a 12-bit, read-only register (configuration register EM
bit = 0, see the Extended Mode (EM) section), or as a 13-bit, read-only register (configuration register EM bit = 1)
that stores the output of the most recent conversion. Two bytes must be read to obtain data and are listed in
Table 8 and Table 9. Byte 1 is the most significant byte (MSB), followed by byte 2, the least significant byte
(LSB). The first 12 bits (13 bits in extended mode) are used to indicate temperature. The least significant byte
does not have to be read if that information is not needed. The data format for temperature is summarized in
Table 2 and Table 3. One LSB equals 0.0625°C. Negative numbers are represented in binary twos-complement
format. Following power-up or reset, the temperature register reads 0°C until the first conversion is complete. Bit
D0 of byte 2 indicates normal mode (EM bit = 0) or extended mode (EM bit = 1) , and can be used to distinguish
between the two temperature register data formats. The unused bits in the temperature register always read 0.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TMP102


Podobny numer części - TMP102AIDRLRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP102AIDRLRG4 TI-TMP102AIDRLRG4 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP102AIDRLRG4 TI-TMP102AIDRLRG4 Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102AIDRLRG4 TI1-TMP102AIDRLRG4 Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
More results

Podobny opis - TMP102AIDRLRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102_13 Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
[Old version datasheet]   TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com