Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC94A14F Arkusz danych(PDF) 11 Page - Toshiba Semiconductor

Numer części TC94A14F
Szczegółowy opis  Digital Servo Single-Chip Processor for Use in CD Player
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC94A14F Arkusz danych(HTML) 11 Page - Toshiba Semiconductor

Back Button TC94A14F Datasheet HTML 7Page - Toshiba Semiconductor TC94A14F Datasheet HTML 8Page - Toshiba Semiconductor TC94A14F Datasheet HTML 9Page - Toshiba Semiconductor TC94A14F Datasheet HTML 10Page - Toshiba Semiconductor TC94A14F Datasheet HTML 11Page - Toshiba Semiconductor TC94A14F Datasheet HTML 12Page - Toshiba Semiconductor TC94A14F Datasheet HTML 13Page - Toshiba Semiconductor TC94A14F Datasheet HTML 14Page - Toshiba Semiconductor TC94A14F Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TC94A14F/FA/FB
2002-11-18
11
4.
SBSY, SBOK Input/Output Timing
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
“H” level
tpLH1
¾
¾
¾
5
Transfer time (1)
“L” level
tpHL1
¾
SBSY
¾
¾
10
“H” level
tpLH2
¾
¾
¾
15
Transfer time (2)
“L” level
tpHL2
¾
SBOK
¾
¾
20
ns
5.
Output Pin Timing
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output rise time 5 (1)
tor51
¾
¾
7
Output fall time 5 (1)
tof51
Pins grouped as 1 below
¾
¾
12
Output rise time 3 (1)
tor31
¾
¾
14
Output fall time 3 (1)
tof31
¾
VDD5 = 3.3 V
¾
¾
24
Output rise time 5 (2)
tor52
¾
¾
7
Output fall time 5 (2)
tof52
Pins grouped as 2 below
¾
¾
7
Output rise time 3 (2)
tor32
¾
¾
14
Output fall time 3 (2)
tof32
¾
VDD5 = 3.3 V
¾
¾
14
Output rise time 5 (3)
tor53
¾
¾
7
Output fall time 5 (3)
tof53
Pins grouped as 3 below
¾
¾
7
Output rise time 3 (3)
tor33
¾
¾
14
Output fall time 3 (3)
tof33
¾
VDD5 = 3.3 V
¾
¾
14
Output rise time 5 (4)
tor54
¾
¾
¾
10
Output fall time 5 (4)
tof54
¾
Pins grouped as 4 below
¾
¾
10
ns
Pin Group
Pin Name
1
SBOK, SFSY, SBSY, IO0, IO1, ZDET
2
BCK, LRCK, AOUT, DOUT, IPF, CLCK, DATA
3
BUS3, BUS2, BUS1, BUS0
4
TMAX, SEL
SFSY
SBSY
SBOK
tpLH2
tpHL2
tpLH1
tpHL1
VOH
VOH/2
VSS
tor
tof
90%
10%


Podobny numer części - TC94A14F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC94A04AF TOSHIBA-TC94A04AF Datasheet
565Kb / 42P
   1 CHIP AUDIO DIGITAL PROCESSOR
TC94A04AFD TOSHIBA-TC94A04AFD Datasheet
565Kb / 42P
   1 CHIP AUDIO DIGITAL PROCESSOR
TC94A04AFDG TOSHIBA-TC94A04AFDG Datasheet
702Kb / 42P
   1 chip Audio Digital Processor
TC94A04AFG TOSHIBA-TC94A04AFG Datasheet
702Kb / 42P
   1 chip Audio Digital Processor
TC94A09F TOSHIBA-TC94A09F Datasheet
270Kb / 19P
   Single-Chip CD Processor with Built-in Controller
More results

Podobny opis - TC94A14F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC9490F TOSHIBA-TC9490F Datasheet
177Kb / 15P
   Digital Servo Single-Chip Processor for Use in CD Player
logo
Sony Corporation
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
   Servo Signal Processor for CD Player
logo
Mitsubishi Electric Sem...
M50423FP MITSUBISHI-M50423FP Datasheet
638Kb / 21P
   CD Player Digital Signal Processor
M50427FP MITSUBISHI-M50427FP Datasheet
848Kb / 17P
   CD PLAYER DIGITAL SIGNAL PROCESSOR
M65821FP MITSUBISHI-M65821FP Datasheet
1Mb / 24P
   CD PLAYER DIGITAL SIGNAL PROCESSOR
M65824AFP MITSUBISHI-M65824AFP Datasheet
182Kb / 23P
   CD PLAYER DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DAC
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
logo
Toshiba Semiconductor
TC9462F TOSHIBA-TC9462F_01 Datasheet
228Kb / 17P
   Digital Servo Single Chip Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com