Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1227EUA Arkusz danych(PDF) 8 Page - Microchip Technology

Numer części TC1227EUA
Szczegółowy opis  Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1227EUA Arkusz danych(HTML) 8 Page - Microchip Technology

  TC1227EUA Datasheet HTML 1Page - Microchip Technology TC1227EUA Datasheet HTML 2Page - Microchip Technology TC1227EUA Datasheet HTML 3Page - Microchip Technology TC1227EUA Datasheet HTML 4Page - Microchip Technology TC1227EUA Datasheet HTML 5Page - Microchip Technology TC1227EUA Datasheet HTML 6Page - Microchip Technology TC1227EUA Datasheet HTML 7Page - Microchip Technology TC1227EUA Datasheet HTML 8Page - Microchip Technology TC1227EUA Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Inverting Dual (–VIN, –2VIN)
Charge Pump Voltage Converters
TC1225
TC1226
TC1227
TC1225/6/7-1 3/24/00
© 2001 Microchip Technology Inc.
DS21369A
PACKAGE DIMENSIONS
Dimensions: inches (mm)
8-Pin MSOP
.122 (3.10)
.114 (2.90)
.122 (3.10)
.114 (2.90)
.043 (1.10)
MAX.
.006 (0.15)
.002 (0.05)
.016 (0.40)
.010 (0.25)
.197 (5.00)
.189 (4.80)
.008 (0.20)
.005 (0.13)
.028 (0.70)
.016 (0.40)
6
° MAX.
.026 (0.65) TYP.
PIN 1
TAPING FORM
PIN 1
PIN 1
Component Taping Orientation for 8-Pin MSOP Devices
User Direction of Feed
User Direction of Feed
Standard Reel Component Orientation
for TR Suffix Device
Reverse Reel Component Orientation
for RT Suffix Device
W
P
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
8-Pin MSOP
12 mm
8 mm
2500
13 in
Carrier Tape, Number of Components Per Reel and Reel Size


Podobny numer części - TC1227EUA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1220 MICROCHIP-TC1220 Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1220ECH MICROCHIP-TC1220ECH Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221 MICROCHIP-TC1221 Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221 MICROCHIP-TC1221 Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1221ECH MICROCHIP-TC1221ECH Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
More results

Podobny opis - TC1227EUA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1235 MICROCHIP-TC1235 Datasheet
1Mb / 10P
   Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
2001
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
   Inverting Charge Pump Voltage Doublers
2005
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
TJ7660 HTC-TJ7660_08 Datasheet
790Kb / 11P
   Charge Pump Voltage Converters
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
   Inverting Charge Pump
Rev 0; 7/00
logo
Linear Technology
LTC3260EMSE LINER-LTC3260EMSE Datasheet
157Kb / 6P
   High Voltage, Low Noise, Dual Supply Inverting Charge Pump
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
   Inverting Charge Pump IC
logo
Linear Technology
LTC3260 LINER-LTC3260_15 Datasheet
328Kb / 18P
   Low Noise Dual Supply Inverting Charge Pump
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com