Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA7092 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części TEA7092
Szczegółowy opis  TELEPHONE SET INTEGRATED CIRCUIT
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7092 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button TEA7092 Datasheet HTML 3Page - STMicroelectronics TEA7092 Datasheet HTML 4Page - STMicroelectronics TEA7092 Datasheet HTML 5Page - STMicroelectronics TEA7092 Datasheet HTML 6Page - STMicroelectronics TEA7092 Datasheet HTML 7Page - STMicroelectronics TEA7092 Datasheet HTML 8Page - STMicroelectronics TEA7092 Datasheet HTML 9Page - STMicroelectronics TEA7092 Datasheet HTML 10Page - STMicroelectronics TEA7092 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
3
V
L
10
400Ω
ITX/41
(see transmit
channel)
1
V
LS
+
C1
I
START
Switch ON if :
Reset low
& KIL
Info for
PON & RESET
V
BANDGAP
470k
8
V
RMC
C15
+
3
V
L
50
2k
30 to 75
µA
2
V
MC
+
C10
0.8mA (IL = 4mA)
to 3mA (IL > 20mA)
6V
6V
Figure 3 :
VLS (Pin 1) : Loudspeaker Part Power Supply
VMC (Pin 2) : Unregulated Microcontroller Power Supply
VRMC (Pin 8) : Stabilized Microcontroller Supply
For AGC Control
V
CC
I
LL (Pin 33) or
I
SL (Pin 34)
R18 or R19
300mV
R19 =
300
I
SL - 5.6
R18 =
300
I
LL - 5.6
R18 and R19 in k
Ω ;I
LL and ISL in mA
R18 and R19 should be connected
as close to the ground Pin (AGND)
as possible.
Figure 4 :
ILL (Pin 33) : Line Current Regulation Start-up Value
ISL (Pin 34) : Line Current Regulation Stop Value
I - TEA7092 GENERAL INFORMATION (continued)
I.4 - Input / Output Configurations (continued)
TEA7092 - TELEPHONE SET INTEGRATED CIRCUIT
7/57


Podobny numer części - TEA7092

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TEA7092 STMICROELECTRONICS-TEA7092 Datasheet
261Kb / 24P
   TELEPHONE ANALOG FRONT END
TEA7092TQ STMICROELECTRONICS-TEA7092TQ Datasheet
261Kb / 24P
   TELEPHONE ANALOG FRONT END
TEA7092TQT STMICROELECTRONICS-TEA7092TQT Datasheet
261Kb / 24P
   TELEPHONE ANALOG FRONT END
More results

Podobny opis - TEA7092

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TCM1705A TI-TCM1705A Datasheet
551Kb / 12P
[Old version datasheet]   TCM1705A INTEGRATED SPEECH CIRCUIT FOR TELEPHONE SET
logo
NTE Electronics
NTE1648 NTE-NTE1648 Datasheet
27Kb / 3P
   Integrated Circuit Telephone Tone Ringer
NTE1690 NTE-NTE1690 Datasheet
31Kb / 4P
   Integrated Circuit Telephone DTMF Dialer
NTE1693 NTE-NTE1693 Datasheet
25Kb / 3P
   Integrated Circuit Telephone Pulse Dialer (CMOS)
logo
NXP Semiconductors
TEA1081 PHILIPS-TEA1081 Datasheet
77Kb / 16P
   Supply circuit with power-down for telephone set peripherals
September 1994
logo
NTE Electronics
NTE1691 NTE-NTE1691 Datasheet
28Kb / 3P
   Integrated Circuit Telephone Pulse Dialer w/Redial
logo
List of Unclassifed Man...
PJ31002 ETC1-PJ31002 Datasheet
120Kb / 5P
   Tone Ringer For Telephone Set
logo
Sanyo Semicon Device
LA8517M SANYO-LA8517M Datasheet
504Kb / 21P
   Audio Signal Processing Circuit for Cordless Telephone Base Set Applications
logo
Panasonic Semiconductor
KX-TS500MX PANASONIC-KX-TS500MX Datasheet
96Kb / 2P
   Integrated Telephone System
logo
Rohm
BA8206 ROHM-BA8206 Datasheet
96Kb / 6P
   Tone ringer IC for telephone set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com