Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL431BIDBZRG4 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TL431BIDBZRG4
Szczegółowy opis  Precision Programmable Reference
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TL431BIDBZRG4 Arkusz danych(HTML) 1 Page - Texas Instruments

  TL431BIDBZRG4 Datasheet HTML 1Page - Texas Instruments TL431BIDBZRG4 Datasheet HTML 2Page - Texas Instruments TL431BIDBZRG4 Datasheet HTML 3Page - Texas Instruments TL431BIDBZRG4 Datasheet HTML 4Page - Texas Instruments TL431BIDBZRG4 Datasheet HTML 5Page - Texas Instruments TL431BIDBZRG4 Datasheet HTML 6Page - Texas Instruments TL431BIDBZRG4 Datasheet HTML 7Page - Texas Instruments TL431BIDBZRG4 Datasheet HTML 8Page - Texas Instruments TL431BIDBZRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
Vref
Input
VKA
IKA
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TL431, TL431A, TL431B
TL432, TL432A, TL432B
SLVS543O – AUGUST 2004 – REVISED JANUARY 2015
TL43xx Precision Programmable Reference
1 Features
3 Description
The TL431 and TL432 devices are three-terminal
1
Reference Voltage Tolerance at 25°C
adjustable shunt regulators, with specified thermal
0.5% (B Grade)
stability over applicable automotive, commercial, and
1% (A Grade)
military temperature ranges. The output voltage can
be set to any value between Vref (approximately
2% (Standard Grade)
2.5 V) and 36 V, with two external resistors. These
Adjustable Output Voltage: Vref to 36 V
devices have a typical output impedance of 0.2
Ω.
Operation From
−40°C to 125°C
Active output circuitry provides a very sharp turn-on
characteristic,
making
these
devices
excellent
Typical Temperature Drift (TL431B)
replacements for Zener diodes in many applications,
6 mV (C Temp)
such
as
onboard
regulation,
adjustable
power
14 mV (I Temp, Q Temp)
supplies, and switching power supplies. The TL432
Low Output Noise
device
has
exactly
the
same
functionality
and
electrical specifications as the TL431 device, but has
0.2-
Ω Typical Output Impedance
different pinouts for the DBV, DBZ, and PK packages.
Sink-Current Capability: 1 mA to 100 mA
Both the TL431 and TL432 devices are offered in
three grades, with initial tolerances (at 25°C) of 0.5%,
2 Applications
1%, and 2%, for the B, A, and standard grade,
Adjustable Voltage and Current Referencing
respectively. In addition, low output drift versus
temperature ensures good stability over the entire
Secondary Side Regulation in Flyback SMPSs
temperature range.
Zener Replacement
The TL43xxC devices are characterized for operation
Voltage Monitoring
from
0°C
to
70°C,
the
TL43xxI
devices
are
Comparator with Integrated Reference
characterized for operation from –40°C to 85°C, and
the TL43xxQ devices are characterized for operation
from –40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
SOT-23-3 (3)
2.90 mm x 1.30 mm
SOT-23-5 (5)
2.90 mm x 1.60 mm
TL43xx
SOIC (8)
4.90 mm x 3.90 mm
PDIP (8)
9.50 mm x 6.35 mm
SOP (8)
6.20 mm x 5.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - TL431BIDBZRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL431BIDBZRG4 TI-TL431BIDBZRG4 Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431BIDBZRG4 TI-TL431BIDBZRG4 Datasheet
1Mb / 56P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431BIDBZRG4 TI-TL431BIDBZRG4 Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431BIDBZRG4 TI-TL431BIDBZRG4 Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431BIDBZRG4 TI-TL431BIDBZRG4 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Podobny opis - TL431BIDBZRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com