Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3110D2-Q1 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3110D2-Q1
Szczegółowy opis  15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3110D2-Q1 Arkusz danych(HTML) 5 Page - Texas Instruments

  TPA3110D2-Q1 Datasheet HTML 1Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 2Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 3Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 4Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 5Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 6Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 7Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 8Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
TPA3110D2
www.ti.com
SLOS528F – JULY 2009 – REVISED APRIL 2017
Product Folder Links: TPA3110D2
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Table 1. Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NO.
NAME
15
PVCCR
P
Power supply for right channel H-bridge. Right channel and left channel power supply inputs are
connect internally.
16
PVCCR
P
Power supply for right channel H-bridge. Right channel and left channel power supply inputs are
connect internally.
17
BSPR
I
Bootstrap I/O for right channel, positive high-side FET.
18
OUTPR
O
Class-D H-bridge positive output for right channel.
19
PGND
Power ground for the H-bridges.
20
OUTNR
O
Class-D H-bridge negative output for right channel.
21
BSNR
I
Bootstrap I/O for right channel, negative high-side FET.
22
BSNL
I
Bootstrap I/O for left channel, negative high-side FET.
23
OUTNL
O
Class-D H-bridge negative output for left channel.
24
PGND
Power ground for the H-bridges.
25
OUTPL
O
Class-D H-bridge positive output for left channel.
26
BSPL
I
Bootstrap I/O for left channel, positive high-side FET.
27
PVCCL
P
Power supply for left channel H-bridge. Right channel and left channel power supply inputs are
connect internally.
28
PVCCL
P
Power supply for left channel H-bridge. Right channel and left channel power supply inputs are
connect internally.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The voltage slew rate of these pins must be restricted to no more than 10 V/ms. For higher slew rates, use a 100-kΩ resister in series
with the pins.
(3)
The TPA3110D2 incorporates an exposed thermal pad on the underside of the chip. This acts as a heatsink, and it must be connected
to a thermally dissipating plane for proper power dissipation. Failure to do so may result in the device going into thermal protection
shutdown. See TI Technical Briefs SLMA002 for more information about using the TSSOP thermal pad.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
AVCC, PVCC
–0.3 V
30 V
V
VI
Interface pin voltage
SD, GAIN0, GAIN1, PBTL, FAULT (2)
–0.3 V
VCC +
0.3 V
V
< 10
V/ms
PLIMIT
–0.3
GVDD +
0.3
V
RINN, RINP, LINN, LINP
–0.3
6.3
V
Continuous total power dissipation
See Thermal
Information
RL
Minimum Load Resistance
BTL: PVCC > 15 V
4.8
BTL: PVCC
≤ 15 V
3.2
PBTL
3.2
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature range(3)
–40
150
°C
Tstg
Storage temperature
–65
150
°C


Podobny numer części - TPA3110D2-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
More results

Podobny opis - TPA3110D2-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com