Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3113D2 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3113D2
Szczegółowy opis  6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3113D2 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TPA3113D2 Datasheet HTML 4Page - Texas Instruments TPA3113D2 Datasheet HTML 5Page - Texas Instruments TPA3113D2 Datasheet HTML 6Page - Texas Instruments TPA3113D2 Datasheet HTML 7Page - Texas Instruments TPA3113D2 Datasheet HTML 8Page - Texas Instruments TPA3113D2 Datasheet HTML 9Page - Texas Instruments TPA3113D2 Datasheet HTML 10Page - Texas Instruments TPA3113D2 Datasheet HTML 11Page - Texas Instruments TPA3113D2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
0.01
1
G005
PO =5W
Gain=20dB
VCC =18V
ZL =6 W +47 H
m
PO =1W
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
0.01
1
G006
PO =1W
PO =5W
Gain=20dB
VCC =12V
ZL =4 W +33 H
m
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
0.01
1
G003
PO =1W
PO =5W
Gain=20dB
VCC =24V
ZL =8 W +66 H
m
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
0.01
1
G004
PO = 0.5
PO = 5
PO = 2.5
Gain = 20 dB
VCC = 12 V
ZL = 6
+ 47 µH
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
0.01
1
G002
PO =1W
PO =5W
Gain=20dB
VCC =18V
ZL =8 W +66 H
m
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
0.01
1
G001
PO = 0.5
PO = 5
PO = 2.5
Gain = 20 dB
VCC = 12 V
ZL = 8
+ 66 µH
8
TPA3113D2
SLOS650F – AUGUST 2009 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPA3113D2
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
6.9 Typical Characteristics
(All Measurements taken at 1 kHz, unless otherwise noted. Measurements were made using the TPA3113D2 EVM which is
available at ti.com.)
Figure 1. Total Harmonic Distortion vs Frequency (BTL)
Figure 2. Total Harmonic Distortion vs Frequency (BTL)
Figure 3. Total Harmonic Distortion vs Frequency (BTL)
Figure 4. Total Harmonic Distortion vs Frequency (BTL)
Figure 5. Total Harmonic Distortion vs Frequency (BTL)
Figure 6. Total Harmonic Distortion vs Frequency (BTL)


Podobny numer części - TPA3113D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2PWP TI-TPA3113D2PWP Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2PWP TI-TPA3113D2PWP Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2PWPR TI-TPA3113D2PWPR Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
More results

Podobny opis - TPA3113D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3110D2 TI1-TPA3110D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3112D1-Q1 TI-TPA3112D1-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPA3112D1-Q1 25-W Filter-Free Mono Class-D Audio Power Amplifier With SpeakerGuard?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com