Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STB20NM65N Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części STB20NM65N
Szczegółowy opis  Low gate input resistance
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20NM65N Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button STB20NM65N Datasheet HTML 7Page - STMicroelectronics STB20NM65N Datasheet HTML 8Page - STMicroelectronics STB20NM65N Datasheet HTML 9Page - STMicroelectronics STB20NM65N Datasheet HTML 10Page - STMicroelectronics STB20NM65N Datasheet HTML 11Page - STMicroelectronics STB20NM65N Datasheet HTML 12Page - STMicroelectronics STB20NM65N Datasheet HTML 13Page - STMicroelectronics STB20NM65N Datasheet HTML 14Page - STMicroelectronics STB20NM65N Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
STB20NM65N-STI20NM65N-STF20NM65N-STP20NM65N-STW20NM65N Package mechanical data
11/18
TO-220 mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.14
1.70
0.044
0.066
c0.49
0.70
0.019
0.027
D
15.25
15.75
0.6
0.62
D1
1.27
0.050
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F1.23
1.32
0.048
0.051
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L3028.90
1.137
∅P
3.75
3.85
0.147
0.151
Q2.65
2.95
0.104
0.116


Podobny numer części - STB20NM65N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STB20NM60 STMICROELECTRONICS-STB20NM60 Datasheet
355Kb / 15P
   N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STB20NM60 STMICROELECTRONICS-STB20NM60 Datasheet
440Kb / 18P
   N-channel 600V - 0.25廓 - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
logo
Inchange Semiconductor ...
STB20NM60 ISC-STB20NM60 Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
355Kb / 15P
   N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
   N-channel 600V - 0.25廓 - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
More results

Podobny opis - STB20NM65N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STD26P3LLH6 STMICROELECTRONICS-STD26P3LLH6 Datasheet
987Kb / 16P
   Low gate input resistance
February 2014 Rev 5
logo
Diodes Incorporated
DMJ7N70SK3 DIODES-DMJ7N70SK3 Datasheet
288Kb / 6P
   Low Gate Input Resistance
logo
STMicroelectronics
STB18N60M2 STMICROELECTRONICS-STB18N60M2 Datasheet
1Mb / 21P
   Low gate input resistance
February 2014 Rev 2
STB34NM60N STMICROELECTRONICS-STB34NM60N Datasheet
1Mb / 17P
   Low gate input resistance
March 2015 Rev 9
STF13N60M2 STMICROELECTRONICS-STF13N60M2 Datasheet
1Mb / 14P
   Low gate input resistance
March 2014 Rev 4
STL22N65M5 STMICROELECTRONICS-STL22N65M5 Datasheet
1Mb / 17P
   Low gate input resistance
February 2013 Rev 2
STL13N60M2 STMICROELECTRONICS-STL13N60M2 Datasheet
1Mb / 16P
   Low gate input resistance
June 2014 Rev 2
STB13NM60N STMICROELECTRONICS-STB13NM60N Datasheet
1Mb / 24P
   Low gate input resistance
June 2015 Rev 3
STF13NM06N-H STMICROELECTRONICS-STF13NM06N-H Datasheet
787Kb / 13P
   Low gate input resistance
January 2010 Rev 1
STL34N65M5 STMICROELECTRONICS-STL34N65M5 Datasheet
1Mb / 15P
   Low gate input resistance
April 2014 Rev 1
STF18N60M2 STMICROELECTRONICS-STF18N60M2 Datasheet
1Mb / 13P
   Low gate input resistance
February 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com