Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TYN825RG Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części TYN825RG
Szczegółowy opis  Standard 25 A SCRs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN825RG Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button TYN825RG Datasheet HTML 3Page - STMicroelectronics TYN825RG Datasheet HTML 4Page - STMicroelectronics TYN825RG Datasheet HTML 5Page - STMicroelectronics TYN825RG Datasheet HTML 6Page - STMicroelectronics TYN825RG Datasheet HTML 7Page - STMicroelectronics TYN825RG Datasheet HTML 8Page - STMicroelectronics TYN825RG Datasheet HTML 9Page - STMicroelectronics TYN825RG Datasheet HTML 10Page - STMicroelectronics TYN825RG Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
TN2540, TXN625, TYN625, TYN825, TYN1225
10/11
DocID7478 Rev 9
4
Ordering information
5
Revision history
Table 7. Ordering information
Order code
Voltage Sensitivity
Marking
Package
Weight
Base
qty
Delivery
mode
TN2540-600G-TR
600 V
40 mA
TN2540600G
D2PAK
1.5 g
1000
Tape &
reel
TN2540-800G-TR
800 V
40 mA
TN2540800G
D2PAK
1.5 g
1000
Tape &
reel
TXN625RG
600 V
40 mA
TXN625
TO-220AB
ins
2.3 g
50
Tube
TYN625RG
600 V
40 mA
TYN625
TO-220AB
2.3 g
50
Tube
TYN825RG
800 V
40 mA
TYN825
TO-220AB
2.3 g
50
Tube
TYN1225RG
1200 V
40 mA
TYN1225
TO-220AB
2.3 g
50
Tube
Table 8. Document revision history
Date
Revision
Changes
Apr-2002
4A
Previous update
13-Feb-2006
5
TO-220AB delivery mode changed from bulk to tube.
ECOPACK statement added.
17-Jun-2011
6
Added TXN625.
13-Sep-2011
7
Added UL certification in Features.
07-Feb-2012
8
Added TYN1225.
20-Aug-2014
9
Updated Section 3: Package information.


Podobny numer części - TYN825RG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TYN825RG STMICROELECTRONICS-TYN825RG Datasheet
93Kb / 7P
   25A SCRs
TYN825RG STMICROELECTRONICS-TYN825RG Datasheet
93Kb / 7P
   25A SCRs
TYN825RG STMICROELECTRONICS-TYN825RG Datasheet
91Kb / 7P
   25A SCRS
logo
List of Unclassifed Man...
TYN825RG ETC2-TYN825RG Datasheet
116Kb / 10P
   Standard 25 A SCRs
logo
STMicroelectronics
TYN825RG STMICROELECTRONICS-TYN825RG Datasheet
116Kb / 10P
   Standard 25 A SCRs
More results

Podobny opis - TYN825RG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TXN625RG ETC2-TXN625RG Datasheet
116Kb / 10P
   Standard 25 A SCRs
logo
STMicroelectronics
TXN625RG STMICROELECTRONICS-TXN625RG Datasheet
116Kb / 10P
   Standard 25 A SCRs
TN1625 STMICROELECTRONICS-TN1625 Datasheet
108Kb / 9P
   16 A standard SCRs
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
   Sensitive and Standard 12 A SCRS
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
September 2011 Rev 7
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
TS820-600T STMICROELECTRONICS-TS820-600T Datasheet
160Kb / 13P
   Sensitive and standard 8 A SCRs
logo
Vishay Siliconix
VS-2N681 VISHAY-VS-2N681 Datasheet
167Kb / 8P
   Phase Control Thyristor RMS SCRs, 25 A, 35 A
Revision: 19-Nov-15
VS-2N681 VISHAY-VS-2N681_V01 Datasheet
167Kb / 8P
   Phase Control Thyristor RMS SCRs, 25 A, 35 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com