Zakładka z wyszukiwarką danych komponentów |
|
AD9649-80EBZ Arkusz danych(PDF) 7 Page - Analog Devices |
|
AD9649-80EBZ Arkusz danych(HTML) 7 Page - Analog Devices |
7 / 33 page AD9649 Data Sheet Rev. B | Page 6 of 32 DIGITAL SPECIFICATIONS AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, 50% duty cycle clock, unless otherwise noted. Table 3. Parameter Temp AD9649-20/AD9649-40/AD9649-65/AD9649-80 Unit Min Typ Max DIFFERENTIAL CLOCK INPUTS (CLK+, CLK−) Logic Compliance CMOS/LVDS/LVPECL Internal Common-Mode Bias Full 0.9 V Differential Input Voltage Full 0.2 3.6 V p-p Input Voltage Range Full GND − 0.3 AVDD + 0.2 V High Level Input Current Full −10 +10 µA Low Level Input Current Full −10 +10 µA Input Resistance Full 8 10 12 kΩ Input Capacitance Full 4 pF LOGIC INPUTS (SCLK/DFS, MODE, SDIO/PDWN)1 High Level Input Voltage Full 1.2 DRVDD + 0.3 V Low Level Input Voltage Full 0 0.8 V High Level Input Current Full −50 −75 µA Low Level Input Current Full −10 +10 µA Input Resistance Full 30 kΩ Input Capacitance Full 2 pF LOGIC INPUTS (CSB)2 High Level Input Voltage Full 1.2 DRVDD + 0.3 V Low Level Input Voltage Full 0 0.8 V High Level Input Current Full −10 +10 µA Low Level Input Current Full 40 135 µA Input Resistance Full 26 kΩ Input Capacitance Full 2 pF DIGITAL OUTPUTS DRVDD = 3.3 V High Level Output Voltage (IOH) IOH = 50 µA Full 3.29 V IOH = 0.5 mA Full 3.25 V Low Level Output Voltage (IOL) IOL = 1.6 mA Full 0.2 V IOL = 50 µA Full 0.05 V DRVDD = 1.8 V High Level Output Voltage (IOH) IOH = 50 µA Full 1.79 V IOH = 0.5 mA Full 1.75 V Low Level Output Voltage (IOL) IOL = 1.6 mA Full 0.2 V IOL = 50 µA Full 0.05 V 1 Internal 30 kΩ pull-down. 2 Internal 30 kΩ pull-up. |
Podobny numer części - AD9649-80EBZ |
|
Podobny opis - AD9649-80EBZ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |