Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L78M Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części L78M
Szczegółowy opis  Precision 500 mA regulators
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button L78M Datasheet HTML 6Page - STMicroelectronics L78M Datasheet HTML 7Page - STMicroelectronics L78M Datasheet HTML 8Page - STMicroelectronics L78M Datasheet HTML 9Page - STMicroelectronics L78M Datasheet HTML 10Page - STMicroelectronics L78M Datasheet HTML 11Page - STMicroelectronics L78M Datasheet HTML 12Page - STMicroelectronics L78M Datasheet HTML 13Page - STMicroelectronics L78M Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Electrical characteristics
L78M
10/47
DocID2146 Rev 21
Refer to the test circuits, VI = 11 V, IO = 350 mA, CI = 0.33 µF, CO = 0.1 µF, TJ = -40 to
125 °C (AB), TJ = 0 to 125 °C (AC) unless otherwise specified.
Table 6: Electrical characteristics of L78M06A
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25 °C
5.88
6
6.12
V
VO
Output voltage
IO = 5 to 350 mA, VI = 8 to 21 V
5.75
6
6.3
V
DVO
Line regulation
VI = 8 to 25 V, IO = 200 mA, TJ = 25 °C
100
mV
VI = 9 to 25 V, IO = 200 mA, TJ = 25 °C
30
∆VO
Load regulation
IO = 5 to 500 mA, TJ = 25 °C
120
mV
IO = 5 to 200 mA, TJ = 25 °C
60
Id
Quiescent current
TJ = 25 °C
6
mA
∆Id
Quiescent current change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA, VI = 9 to 25 V
0.8
∆VO/∆T
Output voltage drift
IO = 5 mA
-0.5
mV/°C
SVR
Supply voltage rejection
VI = 9 to 19 V, f = 120 Hz, IO = 300 mA,
TJ = 25 °C
59
dB
eN
Output noise voltage
B = 10 Hz to 100 kHz
45
µV
Vd
Dropout voltage
TJ = 25 °C
2
V
Isc
Short circuit current
TJ = 25 °C, VI = 35 V
270
mA
Iscp
Short circuit peak current
TJ = 25 °C
700
mA


Podobny numer części - L78M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L78M STMICROELECTRONICS-L78M Datasheet
1Mb / 45P
   Precision 500 mA regulators
Rev 24 - September 2020
L78M00 STMICROELECTRONICS-L78M00 Datasheet
173Kb / 19P
   POSITIVE VOLTAGE REGULATORS
logo
Sanyo Semicon Device
L78M00 SANYO-L78M00 Datasheet
230Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
logo
STMicroelectronics
L78M00 STMICROELECTRONICS-L78M00 Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATORS
January 2004
L78M00 STMICROELECTRONICS-L78M00 Datasheet
493Kb / 30P
   Positive voltage regulators
More results

Podobny opis - L78M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L78M05ACDT-TR STMICROELECTRONICS-L78M05ACDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M24ACDT-TR STMICROELECTRONICS-L78M24ACDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M05AB STMICROELECTRONICS-L78M05AB_11 Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M10ABDT-TR STMICROELECTRONICS-L78M10ABDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M08ABDT-TR STMICROELECTRONICS-L78M08ABDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
May 2012 Rev 13
L78M12ABDT-TR STMICROELECTRONICS-L78M12ABDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M24ABDT-TR STMICROELECTRONICS-L78M24ABDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M STMICROELECTRONICS-L78M_V01 Datasheet
1Mb / 45P
   Precision 500 mA regulators
Rev 24 - September 2020
CD00000448 STMICROELECTRONICS-CD00000448 Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78MXXAB STMICROELECTRONICS-L78MXXAB Datasheet
873Kb / 29P
   Precision 500 mA regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com