Zakładka z wyszukiwarką danych komponentów |
|
L78S12C Arkusz danych(PDF) 9 Page - STMicroelectronics |
|
L78S12C Arkusz danych(HTML) 9 Page - STMicroelectronics |
9 / 35 page DocID2148 Rev 8 9/35 L78S Electrical characteristics 35 5 Electrical characteristics Refer to the test circuits, TJ = 25 °C, VI = 10 V, IO = 500 mA, unless otherwise specified. Table 4. Electrical characteristics of L78S05C Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage 4.8 5 5.2 V VO Output voltage IO = 1 A, VI = 7 V 4.75 5 5.25 V ΔVO Line regulation VI = 7 to 25 V 100 mV VI = 8 to 25 V 50 ΔVO Load regulation IO = 20 mA to 1.5 A 100 mV IO = 2 A 80 IQ Quiescent current 8 mA ΔIQ Quiescent current change IO = 20 mA to 1 A 0.5 mA VI = 7 to 25 V, IO = 20 mA 1.3 ΔVO/ΔT Output voltage drift IO = 5 mA, TJ = 0 °C to 70 °C -1.1 mV/°C eN Output noise voltage B = 10 Hz to 100 kHz 40 µV SVR Supply voltage rejection f = 120 Hz 54(1) dB VI Operating input voltage IO ≤ 1 A 8 V RO Output resistance f = 1 kHz 17 m Ω Isc Short circuit current VI = 27 V 500 mA Iscp Short circuit peak current 3 A 1. Guaranteed by design. |
Podobny numer części - L78S12C |
|
Podobny opis - L78S12C |