Zakładka z wyszukiwarką danych komponentów |
|
BYB100-12S5 Arkusz danych(PDF) 2 Page - Bothhand USA, LP. |
|
BYB100-12S5 Arkusz danych(HTML) 2 Page - Bothhand USA, LP. |
2 / 3 page Rev:20120810A Page 2 of 3 Isolated DC-DC Converters BYB100-12S5 PRELIMINARY Maximum case surface temperature 105℃ Thermal shutdown 110°C typ. Storage temperature range -55℃~+125 ℃ Relative humidity 95% RH (maximum) Isolation voltage Input to output 15000VDC Isolation capacitance Input to output 1200pF (typical) Isolation resistance Input to output (500VDC) 10 9Ω (minimum) Cooling Natural convection Physical Specifications Case material Aluminum Potting material Silicon rubber (UL94V-0) 2.40 × 2.28 × 0.5 Inch Dimensions (61.0 × 57.9 × 12.7 mm) Weight 97g (3.42oz) (typical) Soldering temperature Lead-free wave soldering 260℃/10Sec (maximum) Note 1. Typical value, tested at nominal input and full load. 2. Short to -Vin (Pin 2). Remote Sense Application circuit The Remote Sense function is used to compensate for the voltage drop incurred when the load is located physically far away from the DC/DC converter providing its power. The Remote Sense pins are connected as close to the load as possible. The DC/DC converter’s regulation specification is maintained across the points where the Remote Sense wires are connected at the load. This will remove the effect of the voltage drop caused by the resistance of the wires used to conduct the power from the DC/DC converter to the load. This is represented by RCL1 and RCL2. With the use of Remote Sense, the effects of RCL1 and RCL2 are eliminated. If the Remote Sense function is not used, the +Sense has to be connected to +Vout and the –Sense has to be connected to –Vout as close to the DC/DC converter as possible. R CL1 and RCL2 are line resisters Load +Vout +Vin -Vin +Sense -Sense -Vout R CL2 R CL1 R CL1 and RCL2 are line resisters Load +Vout +Vin -Vin +Sense -Sense -Vout R CL2 R CL1 Load +Vout +Vin -Vin +Sense -Sense -Vout R CL2 R CL1 Bothhand USA sales@bothhandusa.com www.bothhandusa.com |
Podobny numer części - BYB100-12S5 |
|
Podobny opis - BYB100-12S5 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |