Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAS100ATB6_R1_00001 Arkusz danych(PDF) 1 Page - Pan Jit International Inc.

Numer części BAS100ATB6_R1_00001
Szczegółowy opis  SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS100ATB6_R1_00001 Arkusz danych(HTML) 1 Page - Pan Jit International Inc.

  BAS100ATB6_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. BAS100ATB6_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. BAS100ATB6_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. BAS100ATB6_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. BAS100ATB6_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
June 2,2016-REV.02
BAS100ATB6
SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
VOLTAGE
100 Volt
FEATURES
• Smallest 100V Dual, isolated Schottky diode currently available
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SOT-563, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Apporx. Weight: 0.0001 ounces, 0.0026 grams
• Marking: BW
ABSOLUTE MAXIMUM RATINGS (TA=25
O
C unless otherwise noted)
NOTE : 1. Mounted on an FR4 PCB, single-sided copper, mini pad.
PA R A M E TE R
S YM BO L
VAL U E
UNITS
M a xi mum Re c ur r e nt P eak Re ve r s e Vo lt age
V
RRM
100
V
Ma xi mum RM S Vo lt a g e
V
RMS
70
V
Ma xi mum D C B lo c k i ng Vo lta g e
V
R
100
V
M a xi mum A ver age F o r w ar d Re c t i f i ed C ur r ent
I
F( AV )
0.4
A
M a xi mum F o r war d Re c t i f i e d C ur r ent @ t = 10s
I
F( AV )
0.5
A
P eak F o r w ar d S ur g e C ur r ent : 8. 3m s s i ng le ha lf si ne - w ave
s uper i m posed on r a te d lo a d
I
FS M
5.5
A
P eak F o r w ar d S ur g e C ur r ent : 10m s si ng le ha lf s i ne - wave
s uper i m posed on r a te d lo a d
I
FS M
5A
Typi c a l Junc ti on C a pac i t ance ( V
R =4 V , f=1 M H z )
C
J
21
pF
Typi c a l Ther m a l Re si st anc e , J unc ti on t o A m bi ent ( No te 1)
R
Θ JA
48 0
O C/W
O p er at i ng J unc t i on Te m per atur e and S to r age Te m per atur e Ra ng e
T
J ,T STG
- 5 5 t o + 150
OC


Podobny numer części - BAS100ATB6_R1_00001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
BAS100ATB6_R1_00001 PANJIT-BAS100ATB6_R1_00001 Datasheet
329Kb / 5P
   SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
August 10,2022
More results

Podobny opis - BAS100ATB6_R1_00001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CMRSH-4DO CENTRAL-CMRSH-4DO Datasheet
921Kb / 3P
   SURFACE MOUNT DUAL, ISOLATED, OPPOSING SILICON SCHOTTKY DIODES
logo
Pan Jit International I...
BAS100ATB6 PANJIT-BAS100ATB6_V01 Datasheet
329Kb / 5P
   SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
August 10,2022
BAS100ATB6 PANJIT-BAS100ATB6 Datasheet
131Kb / 5P
   SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
logo
Central Semiconductor C...
CMLSH-4DO CENTRAL-CMLSH-4DO_10 Datasheet
579Kb / 2P
   SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
CMRD6263DO CENTRAL-CMRD6263DO Datasheet
855Kb / 3P
   SURFACE MOUNT DUAL, ISOLATED, OPPOSING SILICON SCHOTTKY DIODES
CMLSH-4DO CENTRAL-CMLSH-4DO Datasheet
91Kb / 2P
   SURFACE MOUNT PICOmini DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
CMLSH05-4DO CENTRAL-CMLSH05-4DO_10 Datasheet
578Kb / 2P
   SURFACE MOUNT DUAL ISOLATED, LOW VF OPPOSING SILICON SCHOTTKY DIODES
CMKSH-3DO CENTRAL-CMKSH-3DO_10 Datasheet
495Kb / 2P
   SURFACE MOUNT DUAL OPPOSING SILICON SCHOTTKY DIODES
CMLD3003DO CENTRAL-CMLD3003DO_10 Datasheet
580Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMLD4448DO CENTRAL-CMLD4448DO_10 Datasheet
582Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED, OPPOSING HIGH SPEED SILICON SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com