Zakładka z wyszukiwarką danych komponentów |
|
TPA6203A1DGNG4 Arkusz danych(PDF) 8 Page - Texas Instruments |
|
TPA6203A1DGNG4 Arkusz danych(HTML) 8 Page - Texas Instruments |
8 / 29 page f - Frequency - Hz 0 -50 -100 0 200 400 600 800 1k 1.2k 1.4k 1.6k 1.8k 2k -150 -150 -100 0 -50 VDD Shown in Figure 19 CI = 2 µF, C(Bypass) = 0.47 µF, Inputs ac-Grounded Gain = 1V/V C1 Frequency 217.41 Hz C1 - Duty 20 % C1 High 3.598 V C1 Pk-Pk 504 mV Ch1 100 mV/div Ch4 10 mV/div 2 ms/div t - Time - ms VDD VO -100 0 -90 -80 -70 -60 -50 -40 -30 -20 -10 20 20 k 50 100 200 500 1 k 2 k 5 k 10 k f - Frequency - Hz VDD = 2.5 V to 5 V VIC = 200 mVp-p RL = 8 Ω Gain = 1 V/V -70 -60 -50 -40 -30 -20 -10 0 10 20 30 40 10 100 10 k 100 k 1 M 10 M -220 -180 -140 -100 -60 -20 20 60 100 140 180 220 1 k f - Frequency - Hz Gain Phase VDD = 3.6 V RL = 8 Ω Gain = 1 V/V -200 -150 -100 -50 0 50 100 150 200 100 1 k 10 k 100 k 1 M -200 -150 -100 -50 0 50 100 150 200 f - Frequency - Hz Gain Phase VDD = 3.6 V RL = 8 Ω 10 M -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 RL = 8 Ω Gain = 1 V/V VIC - Common Mode Input Voltage - V VDD = 3.6 V VDD = 5 V VDD = 2.5 V 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 VDD - Supply Voltage - V 0 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 1 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2 VDD = 2.5 V VDD = 3.6 V VDD = 5 V Voltage on SHUTDOWN Terminal - V 0.2 0 1 2 3 4 5 6 0 0.5 1 1.5 2 C(Bypass) - Bypass Capacitor - µF (1) Start-Up time is the time it takes (from a low-to-high transition on SHUTDOWN) for the gain of the amplifier to reach -3 dB of the final gain. TPA6203A1 SLOS364F – MARCH 2002 – REVISED JUNE 2008.......................................................................................................................................................... www.ti.com TYPICAL CHARACTERISTICS (continued) GSM POWER SUPPLY GSM POWER SUPPLY REJECTION REJECTION COMMON MODE REJECTION RATIO vs vs vs TIME FREQUENCY FREQUENCY Figure 19. Figure 20. Figure 21. COMMON MODE REJECTION RATIO CLOSED LOOP GAIN/PHASE OPEN LOOP GAIN/PHASE vs vs vs COMMON MODE INPUT VOLTAGE FREQUENCY FREQUENCY Figure 22. Figure 23. Figure 24. SUPPLY CURRENT SUPPLY CURRENT START-UP TIME(1) vs vs vs SUPPLY VOLTAGE SHUTDOWN VOLTAGE BYPASS CAPACITOR Figure 25. Figure 26. Figure 27. 8 Submit Documentation Feedback Copyright © 2002–2008, Texas Instruments Incorporated Product Folder Link(s): TPA6203A1 |
Podobny numer części - TPA6203A1DGNG4 |
|
Podobny opis - TPA6203A1DGNG4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |