Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6203A1DGNRG4 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TPA6203A1DGNRG4
Szczegółowy opis  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6203A1DGNRG4 Arkusz danych(HTML) 1 Page - Texas Instruments

  TPA6203A1DGNRG4 Datasheet HTML 1Page - Texas Instruments TPA6203A1DGNRG4 Datasheet HTML 2Page - Texas Instruments TPA6203A1DGNRG4 Datasheet HTML 3Page - Texas Instruments TPA6203A1DGNRG4 Datasheet HTML 4Page - Texas Instruments TPA6203A1DGNRG4 Datasheet HTML 5Page - Texas Instruments TPA6203A1DGNRG4 Datasheet HTML 6Page - Texas Instruments TPA6203A1DGNRG4 Datasheet HTML 7Page - Texas Instruments TPA6203A1DGNRG4 Datasheet HTML 8Page - Texas Instruments TPA6203A1DGNRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
GQV,ZQV
DRB
DGN
1
FEATURES
APPLICATIONS
DESCRIPTION
APPLICATIONCIRCUIT
Actual SolutionSize
6,9mm
5,25mm
(1)C
B
RI
RI
CS
RF
RF
_
+
VDD
VO+
VO-
GND
ToBattery
Cs
Bias
Circuitry
IN-
IN+
+
-
InFrom
DAC
SHUTDOWN
RI
RI
RF
RF
AppliestotheGQV/ZQVPackagesOnly
C(
)
BYPASS
(Optional)
TPA6203A1
www.ti.com.......................................................................................................................................................... SLOS364F – MARCH 2002 – REVISED JUNE 2008
1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
• Designed for Wireless or Cellular Handsets
2
• 1.25 W Into 8 Ω From a 5-V Supply at
and PDAs
THD = 1% (Typical)
• Low Supply Current: 1.7 mA Typical
• Shutdown Control < 10 µA
The TPA6203A1 is a 1.25-W mono fully differential
• Only Five External Components
amplifier designed to drive a speaker with at least
Improved PSRR (90 dB) and Wide Supply
8-
Ω impedance while consuming less than 37 mm2
Voltage (2.5 V to 5.5 V) for Direct Battery
(ZQV package option) total printed-circuit board
Operation
(PCB) area in most applications. This device operates
from 2.5 V to 5.5 V, drawing only 1.7 mA of quiescent
Fully Differential Design Reduces RF
supply current. The TPA6203A1 is available in the
Rectification
space-saving 2 mm x 2 mm MicroStar Junior™ BGA
Improved CMRR Eliminates Two Input
package, and the space saving 3 mm x 3 mm QFN
Coupling Capacitors
(DRB) package.
C(BYPASS) Is Optional Due to Fully
Features like 85-dB PSRR from 90 Hz to 5 kHz,
Differential Design and High PSRR
improved RF-rectification immunity, and small PCB
• Avaliable in a 2 mm x 2 mm MicroStar
area makes the TPA6203A1 ideal for wireless
Junior ™ BGA Package (GQV, ZQV)
handsets. A fast start-up time of 4
µs with minimal
pop
makes
the
TPA6203A1
ideal
for
PDA
• Available in 3 mm x 3 mm QFN Package (DRB)
applications.
• Available in an 8-Pin PowerPAD™ MSOP
(DGN)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Junior, PowerPAD, MicroStar Junior are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TPA6203A1DGNRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6203A1DGNRG4 TI-TPA6203A1DGNRG4 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA6203A1DGNRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6205A1 TI1-TPA6205A1 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6203 UTC-PA6203_15 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com