Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6205A1DGNG4 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA6205A1DGNG4
Szczegółowy opis  1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6205A1DGNG4 Arkusz danych(HTML) 4 Page - Texas Instruments

  TPA6205A1DGNG4 Datasheet HTML 1Page - Texas Instruments TPA6205A1DGNG4 Datasheet HTML 2Page - Texas Instruments TPA6205A1DGNG4 Datasheet HTML 3Page - Texas Instruments TPA6205A1DGNG4 Datasheet HTML 4Page - Texas Instruments TPA6205A1DGNG4 Datasheet HTML 5Page - Texas Instruments TPA6205A1DGNG4 Datasheet HTML 6Page - Texas Instruments TPA6205A1DGNG4 Datasheet HTML 7Page - Texas Instruments TPA6205A1DGNG4 Datasheet HTML 8Page - Texas Instruments TPA6205A1DGNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
SLOS490TPA6205A1
SLOS490C – JULY 2006 – REVISED NOVEMBER 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Supply voltage
–0.3
6
V
VI
Input voltage
INx and SHUTDOWN pins
–0.3
0.3
V
See Dissipation
Continuous total power dissipation
Ratings
TA
Operating free-air temperature
–40
85
ºC
TJ
Junction temperature
–40
125
ºC
Lead temperature 1.6 mm (1/16 inch) from
ZQV, DRB, DGN
260
ºC
case for 10 seconds
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2.5
5.5
V
VIH
High-level input voltage
SHUTDOWN
1.15
V
VIL
Low-level input voltage
SHUTDOWN
0.5
V
VIC
Common-mode input voltage
VDD = 2.5 V, 5.5 V, CMRR
≤ –60 dB
0.5
VDD–0.8
V
TA
Operating free-air temperature
–40
85
°C
ZL
Load impedance
6.4
8
Ω
7.4 Thermal Information
TPA6205A1
BGA MICROSTAR
MSOP
THERMAL METRIC(1)
SON
UNIT
JUNIOR
PowerPAD
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
134.4
57.3
109.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
79.8
84.0
67.8
°C/W
RθJB
Junction-to-board thermal resistance
71.1
32.2
47.6
°C/W
ψJT
Junction-to-top characterization parameter
5.3
3.7
4.7
°C/W
ψJB
Junction-to-board characterization parameter
71.0
32.2
47.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
11.8
15.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: SLOS490TPA6205A1


Podobny numer części - TPA6205A1DGNG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6205A1DGNG4 TI-TPA6205A1DGNG4 Datasheet
911Kb / 24P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1DGNG4 TI-TPA6205A1DGNG4 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1DGNG4 TI1-TPA6205A1DGNG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
TPA6205A1DGNG4 TI-TPA6205A1DGNG4 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
More results

Podobny opis - TPA6205A1DGNG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6205A1 TI-TPA6205A1_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI-TPA6205A1 Datasheet
911Kb / 24P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI-TPA6205A1_07 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
SLOS490TPA6205A1 TI-SLOS490TPA6205A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
logo
Eutech Microelectronics...
EUA6205 EUTECH-EUA6205 Datasheet
551Kb / 13P
   1.25-W Mono Fully Differential Audio Power Amplifier with 1.8V Input Logic Thresholds
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com