Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6211A1DGNG4 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA6211A1DGNG4
Szczegółowy opis  3.1-W Mono Fully Differential Audio Power Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6211A1DGNG4 Arkusz danych(HTML) 1 Page - Texas Instruments

  TPA6211A1DGNG4 Datasheet HTML 1Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 2Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 3Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 4Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 5Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 6Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 7Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 8Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
_
+
VDD
VO+
VO–
GND
6
5
8
7
To Battery
C s
Bias
Circuitry
IN–
IN+
4
3
2
+
SHUTDOWN
R I
R I
1
C
(BYPASS)
100 k
40 k
40 k
(1)
C
(BYPASS) is optional.
In from
DAC
(1)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPA6211A1
SLOS367E – AUGUST 2003 – REVISED NOVEMBER 2015
TPA6211A1 3.1-W Mono Fully Differential Audio Power Amplifier
1 Features
3 Description
The TPA6211A1 is a 3.1-W mono fully-differential
1
Designed for Wireless or Cellular Handsets and
amplifier designed to drive a speaker with at least 3-
PDAs
Ω impedance while consuming only 20 mm2 total
3.1 W Into 3
Ω From a 5-V Supply at
printed-circuit board (PCB) area in most applications.
THD = 10% (Typ)
The device operates from 2.5 V to 5.5 V, drawing
only
4
mA
of
quiescent
supply
current.
The
Low Supply Current: 4 mA Typ at 5 V
TPA6211A1
is
available
in
the
space-saving
Shutdown Current: 0.01
μA Typ
3-mm × 3-mm SON (DRB) and the 8-pin MSOP-
Fast Startup With Minimal Pop
PowerPAD™ (DGN) packages.
Only Three External Components
Features like –80 dB supply voltage rejection from
Improved PSRR (–80 dB) and Wide Supply
20 Hz to 2 kHz, improved RF rectification immunity,
Voltage (2.5 V to 5.5 V) for Direct Battery
small PCB area, and a fast startup with minimal pop
Operation
makes the TPA6211A1 ideal for PDA and smart
phone applications.
Fully Differential Design Reduces RF
Rectification
Device Information(1)
–63 dB CMRR Eliminates Two Input
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Coupling Capacitors
MSOP-PowerPAD (8)
3.00 mm × 3.00 mm
TPA6211A1
SON (8)
3.00 mm × 3.00 mm
2 Applications
(1) For all available packages, see the orderable addendum at
Ideal for Wireless Handsets, PDAs, and
the end of the data sheet.
Notebook Computers
Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - TPA6211A1DGNG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6211A1DGNG4 TI-TPA6211A1DGNG4 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1DGNG4 TI1-TPA6211A1DGNG4 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
More results

Podobny opis - TPA6211A1DGNG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_07 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1-Q1 TI1-TPA6211A1-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com