Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL1142B-ALF Arkusz danych(PDF) 1 Page - Bothhand USA, LP.

Numer części TL1142B-ALF
Szczegółowy opis  10/100 BASE-T SINGLE PORT PULSE TRANSFORMER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOTHHAND [Bothhand USA, LP.]
Strona internetowa  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TL1142B-ALF Arkusz danych(HTML) 1 Page - Bothhand USA, LP.

  TL1142B-ALF Datasheet HTML 1Page - Bothhand USA, LP. TL1142B-ALF Datasheet HTML 2Page - Bothhand USA, LP. TL1142B-ALF Datasheet HTML 3Page - Bothhand USA, LP. TL1142B-ALF Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
10/100 BASE-T SINGLE PORT PULSE TRANSFORMER
BOTHHAND
USA
Page 1 of 4
Bothhand USA
24 Pin SMD surface mount package.
Operating temperature range: 0℃ to +70℃.
Storage temperature range: -25℃ to +85℃.
Electrical Specifications @ 25℃
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min)
Part
Number
0.3-30MHz
40MHz
50MHz
60 MHz 80MHz 0.3-30MHz
60MHz
80-100MHz
0.3-60MHz
60-100MHz
TN8515 LF
-18
-15.5
-13.0
-12
-50
-45
40
-45
-35
TN8515A LF
-18
-15.5
-13.0
-12
-50
-45
40
-45
-35
TN8515B LF
-18
-15.5
-13.0
-12
-50
-45
40
-45
-35
TN8515C LF
-18
-15.5
-13.0
-12
-50
-45
40
-45
-35
0.3-60MHz
60-100MHz
30MHz
60MHz 100MHz
TN1142B LF
-18
-15.5
-13.0
-12
-45
-35
-40
-30
-25
TN1284 LF
-16
-14
-13.5
-13
-12
-45
-35
-40
-30
-25
TL1142B-A LF
-18
-15.5
-13
-12
-45
-35
-40
-35
-30
TL8515A LF
-18
-15.5
-13.0
-12
-50
-45
-40
-45
-35
TL8515C LF
-18
-15.5
-13.0
-12
-50
-45
-40
-45
-35
Continue
Insertion Loss
(dB Max)
Turn Ratio(±5%)
Part
Number
0.3-100 MHz
TX
RX
OCL (uH Min)
@ 100KHz/0.1V
with 8mA DC Bias
CW/W
(pF Max)
L.L
(uH Max)
DCR
(Ω Max)
HI-POT
(Vrms)
TN8515 LF
-1.15
1CT:1
1CT:1CT
350
28
0.5
1.7
1500
TN8515A LF
-1.15
1CT:1
1CT:1CT
350
28
0.5
1.7
1500
TN8515B LF
-1.15
1CT:1
1CT:1CT
350
28
0.5
1.7
1500
TN8515C LF
-1.15
1CT:1
1CT:1CT
350
28
0.5
1.7
1500
TN1142B LF
-1.1
1CT: 1CT
1CT: 1CT
350
28
0.5
1.5
1500
TN1284 LF
-1.15
1CT: 1CT
1CT: 1CT
350
-
-
2.0
1500
TL1142B-A LF
-1.1
1CT: 1CT
1CT: 1CT
350
28
0.5
1.1
1500
TL8515A LF
-1.15
1CT:1CT
1CT:1CT
350
28
0.5
1.7
1500
TL8515C LF
-1.15
1CT:1
1CT:1CT
350
28
0.5
1.7
1500
For customized parts or more detailed information, please log on www.bothhandusa.com or write to sales@bothhandusa.com
75
Tel: 978-887-8050 Fax: 978-887-5434
E-mail : sales@bothhandusa.com http://www.bothhandusa.com


Podobny numer części - TL1142B-ALF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
TL1142B-A BOTHHAND-TL1142B-A Datasheet
290Kb / 1P
   10/100 BASE-TX TRANSFORMER MODULES
More results

Podobny opis - TL1142B-ALF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
TN8515B BOTHHAND-TN8515B Datasheet
281Kb / 1P
   10/100 BASE-T SINGLE PORT PULSE TRANSFORMER
TN8515A BOTHHAND-TN8515A Datasheet
267Kb / 1P
   10/100 BASE-T SINGLE PORT PULSE TRANSFORMER
TN8515CLF BOTHHAND-TN8515CLF Datasheet
296Kb / 1P
   10/100 BASE-T SINGLE PORT PULSE TRANSFORMER
TN8515 BOTHHAND-TN8515_1 Datasheet
281Kb / 1P
   10/100 BASE-T SINGLE PORT PULSE TRANSFORMER
TN8515BLF BOTHHAND-TN8515BLF Datasheet
298Kb / 1P
   10/100 BASE-T SINGLE PORT PULSE TRANSFORMER
TN8515C-1LF BOTHHAND-TN8515C-1LF Datasheet
300Kb / 1P
   10/100 BASE-T SINGLE PORT PULSE TRANSFORMER
TN8515C BOTHHAND-TN8515C Datasheet
267Kb / 1P
   10/100 BASE-T SINGLE PORT PULSE TRANSFORMER
TS6120 BOTHHAND-TS6120 Datasheet
185Kb / 1P
   10 /100 BASE-T PULSE TRANSFORMER
16ST6125 BOTHHAND-16ST6125 Datasheet
31Kb / 1P
   10/100 BASE-T PULSE TRANSFORMER
TS6120A BOTHHAND-TS6120A Datasheet
183Kb / 1P
   10 /100 BASE-T PULSE TRANSFORMER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com