Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMBD717WS Arkusz danych(PDF) 1 Page - Pan Jit International Inc.

Numer części MMBD717WS
Szczegółowy opis  SURFACE MOUNT SCHOTTKY DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD717WS Arkusz danych(HTML) 1 Page - Pan Jit International Inc.

  MMBD717WS_16 Datasheet HTML 1Page - Pan Jit International Inc. MMBD717WS_16 Datasheet HTML 2Page - Pan Jit International Inc. MMBD717WS_16 Datasheet HTML 3Page - Pan Jit International Inc. MMBD717WS_16 Datasheet HTML 4Page - Pan Jit International Inc. MMBD717WS_16 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
June 2,2016-REV.04
MMBD717WS
SURFACE MOUNT SCHOTTKY DIODES
VOLTAGE
20 Volt
200 mA
FEATURES
• Very Low VF: 0.32V (Typ) at IF = 1mA
• Low Capacitance: 2.5 pF (Max) at VR=0V
• Extremely Fast Switching Speed
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. .
(Halogen Free)
MECHANICAL DATA
• Case: SOD-323, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.00014 ounces, 0.0041 grams
CURRENT
MAXIMUM RATINGS AND ELECTRICAL AHARACTERISTICS
Note:
1. FR-4 Board = 70 x 60 x 1mm.
Ratings at 25
o
C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Parameter
Symbol
Value
Units
Marking Code
-
P70
-
Maximum Reverse Voltage
V
R
20
V
Peak Reverse Voltage
V
RRM
20
V
Maximum Forward Current
I
F
0.2
A
Power Dissipation (1)
P
TOT
200
mW
Thermal Resistance , Junction to Ambient (1)
RθJA
625
OC/W
Junction Temperature Range
T
J
-55 to +150
OC
Storage Temperature Range
T
STG
-55 to +150
OC
0.078(1.95)
0.068(1.75)
0.054(1.35)
0.045(1.15)
0.107(2.7)
0.090(2.3)
0.012(0.30)MIN.
0.006(0.15)
0.002(0.05)
0.014(0.35)
0.009(0.25)
0.036(0.90)
0.027(0.70)


Podobny numer części - MMBD717WS_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Won-Top Electronics
MMBD717WS-T1 WTE-MMBD717WS-T1 Datasheet
36Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
MMBD717WS PANJIT-MMBD717WS_09 Datasheet
74Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
More results

Podobny opis - MMBD717WS_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
MM18L WEITRON-MM18L Datasheet
210Kb / 3P
   Surface Mount Schottky Diodes
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com