Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHC257 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74AHC257
Szczegółowy opis  Quad 2-input multiplexer; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC257 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74AHC257 Datasheet HTML 1Page - NXP Semiconductors 74AHC257 Datasheet HTML 2Page - NXP Semiconductors 74AHC257 Datasheet HTML 3Page - NXP Semiconductors 74AHC257 Datasheet HTML 4Page - NXP Semiconductors 74AHC257 Datasheet HTML 5Page - NXP Semiconductors 74AHC257 Datasheet HTML 6Page - NXP Semiconductors 74AHC257 Datasheet HTML 7Page - NXP Semiconductors 74AHC257 Datasheet HTML 8Page - NXP Semiconductors 74AHC257 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2000 Apr 03
2
Philips Semiconductors
Product specification
Quad 2-input multiplexer; 3-state
74AHC257;
74AHCT257
FEATURES
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V
CDM EIA/JESD22-C101 exceeds 1000 V
• Balanced propagation delays
• All inputs have Schmitt-trigger actions
• Non-inverting data path
• Inputs accept voltages higher than VCC
• For AHC only: operates with CMOS input levels
• For AHCT only: operates with TTL input levels
• Specified from −40 to +85 °C and −40 to +125 °C.
DESCRIPTION
The 74AHC/AHCT257 are high-speed Si-gate CMOS
devices and are pin compatible with Low power Schottky
TTL (LSTTL). They are specified in compliance with
JEDEC standard No. 7A.
The 74AHC/AHCT257 has four identical 2-input
multiplexers with 3-state outputs, which select 4 bits of
data from two sources and are controlled by a common
data select input (S).
The data inputs from source 0 (1I0 to 4I0) are selected
when input S is LOW and the data inputs from source 1
(1I1 to 4I1) are selected when S is HIGH. Data appears at
the outputs (1Y to 4Y) in true (non-inverting) form from the
selected inputs.
The 74AHC/AHCT257 is the logic implementation of a
4-pole 2-position switch, where the position of the switch is
determined by the logic levels applied to S. The outputs
are forced to a high impedance OFF-state when OE is
HIGH.
If OE is LOW then the logic equations for the outputs are:
1Y = 1I1 × S+1I0 × S;
2Y = 2I1 × S+2I0 × S;
3Y = 3I1 × S+3I0 × S;
4Y = 4I1 × S+4I0 × S.
The ‘257’ is identical to the ‘258’ but has non-inverting
(true) outputs.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 3.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
∑ (CL × VCC2 × fo) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
AHC
AHCT
tPHL/tPLH
propagation delay
nl0,nI1 to nY
CL = 15 pF; VCC = 5 V
2.9
3.7
ns
StonY
CL = 15 pF; VCC = 5 V
3.5
5.1
ns
CI
input capacitance
VI =VCC or GND
3.0
3.0
pF
CO
output capacitance
4.0
4.0
pF
CPD
power dissipation
capacitance
CL = 50 pF; fi = 1 MHz; notes 1 and 2
4 outputs switching via input S
45
51
pF
1 output switching via input I
15
15
pF


Podobny numer części - 74AHC257

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AHC257 NEXPERIA-74AHC257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
74AHC257-Q100 NEXPERIA-74AHC257-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
logo
NXP Semiconductors
74AHC257D NXP-74AHC257D Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74AHC257D NEXPERIA-74AHC257D Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
74AHC257D-Q100 NEXPERIA-74AHC257D-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
More results

Podobny opis - 74AHC257

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
logo
NXP Semiconductors
74LV257 PHILIPS-74LV257 Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74HC_HCT257 PHILIPS-74HC_HCT257_15 Datasheet
195Kb / 18P
   Quad 2-input multiplexer; 3-state
Rev. 6-26 January 2015
74AHC_AHCT257 PHILIPS-74AHC_AHCT257_15 Datasheet
99Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74HC257-Q100 NEXPERIA-74HC257-Q100 Datasheet
1Mb / 16P
   Quad 2-input multiplexer; 3-state
74AHC257-Q100 NEXPERIA-74AHC257-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
74HCT257 NEXPERIA-74HCT257 Datasheet
249Kb / 15P
   Quad 2-input multiplexer; 3-state
Rev. 8 - 9 February 2021
logo
NXP Semiconductors
74HC257 NXP-74HC257 Datasheet
185Kb / 17P
   Quad 2-input multiplexer; 3-state
Rev. 05-13 January 2010
74AHC257 NXP-74AHC257_08 Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com