Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1833A Arkusz danych(PDF) 14 Page - Analog Devices

Numer części AD1833A
Szczegółowy opis  24-Bit, 192 kHz, DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1833A Arkusz danych(HTML) 14 Page - Analog Devices

Back Button AD1833A Datasheet HTML 10Page - Analog Devices AD1833A Datasheet HTML 11Page - Analog Devices AD1833A Datasheet HTML 12Page - Analog Devices AD1833A Datasheet HTML 13Page - Analog Devices AD1833A Datasheet HTML 14Page - Analog Devices AD1833A Datasheet HTML 15Page - Analog Devices AD1833A Datasheet HTML 16Page - Analog Devices AD1833A Datasheet HTML 17Page - Analog Devices AD1833A Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. 0
AD1833A
–14–
I
2S Timing
I
2S timing uses an
L/RCLK to define when the data being trans-
mitted is for the left channel and when it is for the right channel.
The
L/RCLK is low for the left channel and high for the right
channel. A bit clock running at 64
fS is used to clock in the data.
There is a delay of 1 bit clock from the time the
L/RCLK signal
changes state to the first bit of data on the SDINx lines. The data
is written MSB first and is valid on the rising edge of the bit clock.
Left-Justified Timing
Left-justified (LJ) timing uses an L/
RCLK to define when the
data being transmitted is for the left channel and when it is for
the right channel. The L/
RCLK is high for the left channel and
low for the right channel. A bit clock running at 64
fS is used
LEFT CHANNEL
RIGHT CHANNEL
LSB
+1
LSB
MSB
L/RCLK
INPUT
BCLK
INPUT
SDATA
INPUT
LSB
+2
MSB
–2
MSB
–1
MSB
LSB
+1
LSB
LSB
+2
MSB
–2
MSB
–1
MSB
Figure 6. I 2S Timing Diagram
LEFT CHANNEL
RIGHT CHANNEL
LSB
+1
LSB
L/RCLK
INPUT
BCLK
INPUT
SDATA
INPUT
LSB
+2
MSB
–2
MSB
–1
MSB
LSB
+1
LSB
LSB
+2
MSB
–2
MSB
–1
MSB
MSB
–1
MSB
Figure 7. Left-Justified Timing Diagram
LEFT CHANNEL
RIGHT CHANNEL
LSB
+1
LSB
L/
RCLK
INPUT
BCLK
INPUT
SDATA
INPUT
LSB
+2
MSB
–2
MSB
–1
LSB
MSB
LSB
+1
LSB
LSB
+2
MSB
–2
MSB
–1
MSB
Figure 8. Right-Justified Timing Diagram
to clock in the data. The first bit of data appears on the SDINx
lines when the L/
RCLK toggles. The data is written MSB first
and is valid on the rising edge of the bit clock.
Right-Justified Timing
Right-justified (RJ) timing uses an L/
RCLK to define when the
data being transmitted is for the left channel and when it is for
the right channel. The L/
RCLK is high for the left channel and
low for the right channel. A bit clock running at 64
fS is used
to clock in the data. The first bit of data appears on the SDINx
8-bit clock periods (for 24-bit data) after L/
RCLK toggles. In RJ
mode, the LSB of data is always clocked by the last bit clock
before L/
RCLK transitions. The data is written MSB first and is
valid on the rising edge of the bit clock.


Podobny numer części - AD1833A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1833AST AD-AD1833AST Datasheet
419Kb / 20P
   Multichannel 24-Bit, 192 kHz, DAC
REV. 0
AD1833A AD-AD1833A_15 Datasheet
697Kb / 20P
   Multichannel, 24-Bit, 192 kHz, DAC
REV. 0
More results

Podobny opis - AD1833A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1833 AD-AD1833_15 Datasheet
532Kb / 20P
   Multichannel, 24-Bit, 192 kHz, DAC
REV. A
AD1833A AD-AD1833A_15 Datasheet
697Kb / 20P
   Multichannel, 24-Bit, 192 kHz, DAC
REV. 0
AD1833 AD-AD1833 Datasheet
419Kb / 20P
   Multichannel 24-Bit, 192 kHz, DAC
REV. 0
logo
Asahi Kasei Microsystem...
AK4359 AKM-AK4359 Datasheet
369Kb / 32P
   192 KHZ 24 BIT 8CH DAC
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com