Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5040-EVB Arkusz danych(PDF) 6 Page - Silicon Laboratories

Numer części SI5040-EVB
Szczegółowy opis  Four selectable on-chip reference frequencies
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5040-EVB Arkusz danych(HTML) 6 Page - Silicon Laboratories

Back Button SI5040-EVB Datasheet HTML 2Page - Silicon Laboratories SI5040-EVB Datasheet HTML 3Page - Silicon Laboratories SI5040-EVB Datasheet HTML 4Page - Silicon Laboratories SI5040-EVB Datasheet HTML 5Page - Silicon Laboratories SI5040-EVB Datasheet HTML 6Page - Silicon Laboratories SI5040-EVB Datasheet HTML 7Page - Silicon Laboratories SI5040-EVB Datasheet HTML 8Page - Silicon Laboratories SI5040-EVB Datasheet HTML 9Page - Silicon Laboratories SI5040-EVB Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Si5040-EVB
6
Rev. 0.4
attenuates the RD signal, which requires that the RD
signal level from the Si5040 be slightly increased.
Please use the Si5040 Register 56 to increase the RD
drive signal from its default value of 600 mV to either
700 or 800 mV.
See the Si5040 datasheet for more
information. The circuit that is implemented on the EVB
is shown below:
Figure 8. EVB Pre-Emphasis Circuit
Within an XFP module, the pre-emphasis circuit should
be located as close to the Si5040 RD± pins as is
practical. In an XFP module, the pre-emphasis circuit
above can be modified to remove one component yet
still behave the same electrically. The following circuit
shows this simplification.
Figure 9. Recommended XFP Pre-Emphasis Circuit
Should you not like the eye pattern at the RD± pins, this
circuit can be easily optimized for your application. If
you wish assistance in this matter, please contact Siicon
Laboratories.
1.7. Start Up Script(s)
1.7.1. For Evaluation Boards Populated with the
Rev. A Device
It is necessary to load the scripts included with the
evaluation board software at startup and after any reset
of the Si5040 Rev A. The default name for the initialization
script is "Si5040InitialRegisterMapSettings.txt". This
script will set up the Rev A device in Mode 0, the
Reference-less operation mode.
If you need to set up the Rev A device in Mode 3, the
jitter
attenuation
mode
with
external
crystal
"Mode3OvtInit.txt" script needs to be loaded after
"Si5040InitialRegisterMapSettings.txt" is first loaded.
Note that these scripts should be loaded by using the
Register Programmer. See "2.5. Si5040 EVB Software
Description" on page 8 for more information on the
Register Programmer.
1.7.2. For Evaluation Boards Populated with the
Rev. B Device
Starting Oct 2006, no initialization script is required for
Mode 0 operation. However, in order for the interrupt pin
to function properly on the evaluation board, Register 2
needs to be set to 18h (default=58h) by using the
Register Programmer. Note that this is to set the
interrupt output driver as CMOS as the evaluation board
does not have an external pullup on the interrupt signal.
If you need to set up the Rev B device in Mode 3,
Register 134 needs to be set to 3h (default=30h) by
using the Register Programmer, or simply go to System
Programmer and click on the TX CDR/CMU Control link
in the block diagram. Then, choose "Mode 3" from the
"cmuMode" pull-down menu.
20.5
3.0 pF
5040
RD+
XFI RD+
274
.01 uF
20.5
3.0 pF
5040
RD-
274
.01 µF
XFI RD-
20.5
3.0 pf
504 0 R D +
XFI R D +
20.5
3.0 pf
504 0 R D -
2 74
XFI R D -
.0 1 µ F
274


Podobny numer części - SI5040-EVB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI5040-D-GM ETC2-SI5040-D-GM Datasheet
138Kb / 2P
   10 Gbps XFP Transceiver
More results

Podobny opis - SI5040-EVB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MMD Components
MQQIC2 MMD-MQQIC2 Datasheet
245Kb / 5P
   User Selectable Up to Four Frequencies
logo
Silicon Laboratories
SI512-13 SILABS-SI512-13 Datasheet
1Mb / 20P
   Two selectable output frequencies
logo
Texas Instruments
SN74GTL3004 TI-SN74GTL3004 Datasheet
449Kb / 10P
[Old version datasheet]   SELECTABLE GTL VOLTAGE REFERENCE
logo
MMD Components
MVQIL2 MMD-MVQIL2 Datasheet
256Kb / 5P
   User Selectable Up to Two Frequencies
MVQIV3 MMD-MVQIV3 Datasheet
256Kb / 5P
   User Selectable Up to Two Frequencies
logo
IQD Frequency Products ...
IQXO-90 IQD-IQXO-90 Datasheet
177Kb / 3P
   Selectable output frequencies (Up to 4)
logo
Intersil Corporation
HA-2444883 INTERSIL-HA-2444883 Datasheet
47Kb / 7P
   Selectable, Four Channel Video Operational Amplifier
HA-2444 INTERSIL-HA-2444 Datasheet
544Kb / 6P
   50MHz, Selectable, Four Channel Video Operational Amplifier
logo
Analog Devices
AD5678 AD-AD5678_15 Datasheet
734Kb / 28P
   On-Chip Reference in 14-Lead TSSOP
REV. C
logo
Renesas Technology Corp
HA-2406 RENESAS-HA-2406 Datasheet
511Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com