Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5340-EVB Arkusz danych(PDF) 8 Page - Silicon Laboratories

Numer części SI5340-EVB
Szczegółowy opis  Powered from USB port or external power supply
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5340-EVB Arkusz danych(HTML) 8 Page - Silicon Laboratories

Back Button SI5340-EVB Datasheet HTML 4Page - Silicon Laboratories SI5340-EVB Datasheet HTML 5Page - Silicon Laboratories SI5340-EVB Datasheet HTML 6Page - Silicon Laboratories SI5340-EVB Datasheet HTML 7Page - Silicon Laboratories SI5340-EVB Datasheet HTML 8Page - Silicon Laboratories SI5340-EVB Datasheet HTML 9Page - Silicon Laboratories SI5340-EVB Datasheet HTML 10Page - Silicon Laboratories SI5340-EVB Datasheet HTML 11Page - Silicon Laboratories SI5340-EVB Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Si5340-EVB
8
Rev. 1.0
10.3. Common ClockBuilderProTM Work Flow Scenarios
There are three common workflow scenarios when using CBPro and the Si5340 EVB. These workflow scenarios
are as follows:
Workflow Scenario #1: Testing a Silicon Labs-created default configuration
Workflow Scenario #2: Modifying the default Silicon Labs-created device configuration
Workflow Scenario #3: Testing a user-created device configuration
Each workflow scenario is described in more detail in the following sections.
10.3.1. Workflow Scenario #1: Testing a Silicon Labs-Created Default Configuration
The flow for using the EVB GUI to initialize and control a device on the EVB is as follows:
1. Once the PC and EVB are connected, launch ClockBuilder Pro by clicking this icon on your PC's desktop:
Figure 9. ClockBuilderPro Desktop Icon
2. If an EVB is detected, click on the Open Default Plan button on the Wizard's main menu. CBPro
automatically detects the EVB and device type.
Figure 10. Open Default Plan
3. Once you open the default plan (based on your EVB model number), a popup window appears.
Figure 11. Write Design to EVB Dialog


Podobny numer części - SI5340-EVB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
Si5340-D-EVB SILABS-Si5340-D-EVB Datasheet
5Mb / 53P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
logo
Skyworks Solutions Inc.
SI5340-D-EVB SKYWORKS-SI5340-D-EVB Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results

Podobny opis - SI5340-EVB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI5346-EVB SILABS-SI5346-EVB Datasheet
2Mb / 20P
   Powered from USB port or external power supply
SI5342-EVB SILABS-SI5342-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5344-EVB SILABS-SI5344-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5345-EVB SILABS-SI5345-EVB Datasheet
2Mb / 19P
   Powered from USB port or external power supply
SI5347-EVB SILABS-SI5347-EVB Datasheet
2Mb / 21P
   Powered from USB port or external
logo
Maxim Integrated Produc...
DS28E17EVKIT MAXIM-DS28E17EVKIT Datasheet
2Mb / 22P
   USB Powered with No External Power Supply Required
Rev 0; 6/15
logo
List of Unclassifed Man...
XS202 ETC2-XS202 Datasheet
328Kb / 1P
   port-powered with an optional external power supply terminal
logo
Silicon Laboratories
SI5356-EVB SILABS-SI5356-EVB Datasheet
1Mb / 16P
   Fully powered from a single USB port
SI535X-20QFN-EVB SILABS-SI535X-20QFN-EVB Datasheet
377Kb / 14P
   Fully-powered from a single USB port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com