Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5356-EVB Arkusz danych(PDF) 1 Page - Silicon Laboratories

Numer części SI5356-EVB
Szczegółowy opis  Fully powered from a single USB port
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5356-EVB Arkusz danych(HTML) 1 Page - Silicon Laboratories

  SI5356-EVB Datasheet HTML 1Page - Silicon Laboratories SI5356-EVB Datasheet HTML 2Page - Silicon Laboratories SI5356-EVB Datasheet HTML 3Page - Silicon Laboratories SI5356-EVB Datasheet HTML 4Page - Silicon Laboratories SI5356-EVB Datasheet HTML 5Page - Silicon Laboratories SI5356-EVB Datasheet HTML 6Page - Silicon Laboratories SI5356-EVB Datasheet HTML 7Page - Silicon Laboratories SI5356-EVB Datasheet HTML 8Page - Silicon Laboratories SI5356-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev. 0.2 6/10
Copyright © 2010 by Silicon Labs
Si5356-EVB
Si5356-EVB
Si5356 E VALUATION B OARD U SER S G UIDE
Description
The Si5356 evaluation board (EVB) is used for
evaluating
the
Si5356
I2C
programmable,
any
frequency 1–200 MHz, quad frequency 8-output clock
generator.
EVB Features
Fully powered from a single USB port
On-board 25 MHz XTAL allows standalone
asynchronous operation
GUI programmable VDD supply allows device to
operate from 3.3 V, 2.5 V, or 1.8 V (core)
GUI programmable VDDO supplies allows each of
the four banks of outputs to have its own supply
voltage selectable from 3.3 V, 2.5 V, and 1.8 V
GUI controlled voltage, current, and power
measurements of VDD and all four VDDO supplies.
Voltage supply jumpers allows easy access for use
of external supplies or current measurements.
Figure 1. Si5356 Evaluation Board


Podobny numer części - SI5356-EVB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI5356A SILABS-SI5356A Datasheet
491Kb / 29P
   IC PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5356A SKYWORKS-SI5356A Datasheet
1Mb / 28P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1–200 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI5356B SILABS-SI5356B Datasheet
779Kb / 29P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Si5356B-B00322-GM SILABS-Si5356B-B00322-GM Datasheet
779Kb / 29P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Si5356B-B01139-GM SILABS-Si5356B-B01139-GM Datasheet
779Kb / 29P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
More results

Podobny opis - SI5356-EVB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI535X-20QFN-EVB SILABS-SI535X-20QFN-EVB Datasheet
377Kb / 14P
   Fully-powered from a single USB port
SI535X-24QSOP-EVB SILABS-SI535X-24QSOP-EVB Datasheet
404Kb / 14P
   Fully-powered from a single USB port
SI535X-B20QFN-EVB SILABS-SI535X-B20QFN-EVB Datasheet
1Mb / 12P
   Fully-powered from a single USB port
SI5347-EVB SILABS-SI5347-EVB Datasheet
2Mb / 21P
   Powered from USB port or external
SI5346-EVB SILABS-SI5346-EVB Datasheet
2Mb / 20P
   Powered from USB port or external power supply
SI5342-EVB SILABS-SI5342-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5340-EVB SILABS-SI5340-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5344-EVB SILABS-SI5344-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5345-EVB SILABS-SI5345-EVB Datasheet
2Mb / 19P
   Powered from USB port or external power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com