Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4212BCP Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADF4212BCP
Szczegółowy opis  Dual RF/IF PLL Frequency Synthesizers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4212BCP Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADF4212BCP Datasheet HTML 2Page - Analog Devices ADF4212BCP Datasheet HTML 3Page - Analog Devices ADF4212BCP Datasheet HTML 4Page - Analog Devices ADF4212BCP Datasheet HTML 5Page - Analog Devices ADF4212BCP Datasheet HTML 6Page - Analog Devices ADF4212BCP Datasheet HTML 7Page - Analog Devices ADF4212BCP Datasheet HTML 8Page - Analog Devices ADF4212BCP Datasheet HTML 9Page - Analog Devices ADF4212BCP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. A
ADF4210/ADF4211/ADF4212/ADF4213
–6–
–Typical Performance Characteristics
FREQUENCY
S11 REAL
S11 IMAG
50000000.0
150000000.0
250000000.0
350000000.0
450000000.0
550000000.0
650000000.0
750000000.0
850000000.0
950000000.0
1050000000.0
1150000000.0
1250000000.0
1350000000.0
1450000000.0
1550000000.0
1650000000.0
1750000000.0
1850000000.0
1950000000.0
2050000000.0
0.955683
0.956993
0.935463
0.919706
0.871631
0.838141
0.799005
0.749065
0.706770
0.671007
0.630673
0.584013
0.537311
0.505090
0.459446
0.381234
0.363150
0.330545
0.264232
0.242065
0.181238
–0.052267
–0.112191
–0.185212
–0.252576
–0.323799
–0.350455
–0.408344
–0.455840
–0.471011
–0.535268
–0.557699
–0.604256
–0.622297
–0.642019
–0.686409
–0.693908
–0.679602
–0.721812
–0.697386
–0.711716
–0.723232
2150000000.0
2250000000.0
2350000000.0
2450000000.0
2550000000.0
2650000000.0
2750000000.0
2850000000.0
2950000000.0
0.138086
0.102483
0.054916
0.018475
–0.019935
–0.054445
–0.083716
–0.129543
–0.154974
–0.699896
–0.704160
–0.696325
–0.669617
–0.668056
–0.666995
–0.634725
–0.615246
–0.610398
FREQUENCY
S11 REAL
S11 IMAG
TPC 1. S-Parameter Data for the ADF4213 RF Input
(Up to 3.0 GHz)
–2kHz
–1kHz
900MHz
+1kHz
+2kHz
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 19
–91.2dBc/Hz
REFERENCE
LEVEL = –5.2dBm
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
TPC 2. ADF4213 Phase Noise (900 MHz, 200 kHz, 20 kHz)
10dB/DIVISION
RL = –40dBc/Hz
RMS NOISE = 0.6522
100Hz
FREQUENCY OFFSET FROM 900MHz CARRIER
1MHz
0.65 rms
–90
–80
–70
–60
–50
–40
–100
–110
–120
–130
–140
1kHz
10kHz
100kHz
TPC 3. ADF4213 Integrated Phase Noise (900 MHz,
200 kHz, 35 kHz, Typical Lock Time: 200
µs)
0
–30
–20
–10
0
TA = +25 C
TA = –40 C
–35
–25
–5
–15
RF INPUT FREQUENCY – GHz
VDD = 3V
VP = 3V
12
3
TA = +85 C
TPC 4. Input Sensitivity (ADF4213)
10dB/DIVISION
RL = –40dBc/Hz
RMS NOISE = 0.5421
100Hz
FREQUENCY OFFSET FROM 900MHz CARRIER
1MHz
0.54 rms
–90
–80
–70
–60
–50
–40
–100
–110
–120
–130
–140
1kHz
10kHz
100kHz
TPC 5. ADF4213 Integrated Phase Noise (900 MHz, 200 kHz,
20 kHz, Typical Lock Time: 400
µs)
–400kHz
–200kHz
900MHz
200kHz
400kHz
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 4.2 SECONDS
AVERAGES = 20
–91.0dBc/Hz
REFERENCE
LEVEL = –5.7dBm
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
TPC 6. ADF4213 Reference Spurs (900 MHz, 200 kHz, 20 kHz)


Podobny numer części - ADF4212BCP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4212L AD-ADF4212L Datasheet
245Kb / 20P
   Dual Low Power PLL Frequency Synthesizer
REV. 0
ADF4212LBCP AD-ADF4212LBCP Datasheet
245Kb / 20P
   Dual Low Power PLL Frequency Synthesizer
REV. 0
ADF4212LBRU AD-ADF4212LBRU Datasheet
245Kb / 20P
   Dual Low Power PLL Frequency Synthesizer
REV. 0
ADF4212L AD-ADF4212L_15 Datasheet
390Kb / 28P
   Dual Low Power PLL Frequency Synthesizer
Rev. E
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
More results

Podobny opis - ADF4212BCP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4213 AD-ADF4213_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4211 AD-ADF4211_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210 AD-ADF4210_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4206 AD-ADF4206 Datasheet
206Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4218 AD-ADF4218 Datasheet
227Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com