Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS1103 Arkusz danych(PDF) 10 Page - Silicon Laboratories

Numer części TS1103
Szczegółowy opis  Power Management Systems
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1103 Arkusz danych(HTML) 10 Page - Silicon Laboratories

Back Button TS1103 Datasheet HTML 4Page - Silicon Laboratories TS1103 Datasheet HTML 5Page - Silicon Laboratories TS1103 Datasheet HTML 6Page - Silicon Laboratories TS1103 Datasheet HTML 7Page - Silicon Laboratories TS1103 Datasheet HTML 8Page - Silicon Laboratories TS1103 Datasheet HTML 9Page - Silicon Laboratories TS1103 Datasheet HTML 10Page - Silicon Laboratories TS1103 Datasheet HTML 11Page - Silicon Laboratories TS1103 Datasheet HTML 12Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TS1103
Page 10
TS1103 Rev. 1.1
current-sense
amplifier
and
the
current-sense
resistor. The pcb layout should be balanced and
symmetrical to minimize wiring-induced errors. In
addition, the pcb layout for RSENSE should include
good thermal management techniques for optimal
RSENSE power dissipation.
6) RSENSE Composition
Current-shunt resistors are available in metal film,
metal strip, and wire-wound constructions. Wire-
wound current-shunt resistors are constructed with
wire spirally wound onto a core. As a result, these
types of current shunt resistors exhibit the largest
self inductance. In applications where the load
current contains high-frequency transients, metal
film or metal strip current sense resistors are
recommended.
Internal Noise Filter
In
power
management
and
motor
control
applications, current-sense amplifiers are required to
measure load currents accurately in the presence of
both externally-generated differential and common-
mode noise. An example of differential-mode noise
that can appear at the inputs of a current-sense
amplifier is high-frequency ripple. High-frequency
ripple – whether injected into the circuit inductively
or capacitively - can produce a differential-mode
voltage drop across the external current-shunt
resistor
(RSENSE). An example of externally-
generated,
common-mode
noise
is
the
high-
frequency output ripple of a switching regulator that
can result in common-mode noise injection into both
inputs of a current-sense amplifier.
Even though the load current signal bandwidth is
DC, the input stage of any current-sense amplifier
can rectify unwanted, out-of-band noise that can
result in an apparent error voltage at its output. This
rectification of noise signals occurs because all
amplifier
input
stages
are
constructed
with
transistors that can behave as high-frequency signal
detectors in the same way pn-junction diodes were
used as RF envelope detectors in early radio
designs. Against common-mode injected noise, the
amplifier’s
internal
common-mode
rejection
is
usually sufficient.
To counter the effects of externally-injected noise, it
has always been good engineering practice to add
external low-pass filters in series with the inputs of a
current-sense amplifier. In the design of discrete
current-sense amplifiers, resistors used in the
external low-pass filters were incorporated into the
circuit’s overall design so errors because of any
input-bias current-generated offset voltage errors
and gain errors were compensated.
With
the
advent
of
monolithic
current-sense
amplifiers, like the TS1103, the addition of external
low-pass filters in series with the current-sense
amplifier’s inputs only introduces additional offset
voltage and gain errors. To minimize or eliminate
altogether the need for external low-pass filters and
to maintain low input offset voltage and gain errors,
the TS1103 incorporates a 50-kHz (typ), 2nd-order
differential low-pass filter as shown in the TS1103’s
Block Diagram.
Output Filter Capacitor
If the TS1103 is part of a signal acquisition system
where its OUT terminal is connected to the input of
an ADC with an internal, switched-capacitor track-
and-hold
circuit,
the
internal
track-and-hold’s
sampling capacitor can cause voltage droop at VOUT.
A 22nF to 100nF good-quality ceramic capacitor
from the OUT terminal to GND forms a low-pass
filter with the TS1103’s ROUT and should be used to
minimize voltage droop (holding VOUT constant
during the sample interval. Using a capacitor on the
OUT terminal will also reduce the TS1103’s small-
signal bandwidth as well as band-limiting amplifier
noise.
PC Board Layout and Power-Supply Bypassing
For optimal circuit performance, the TS1103 should
be in very close proximity to the external current-
sense resistor and the pcb tracks from RSENSE to
the RS+ and the RS- input terminals of the TS1103
should be short and symmetric. Also recommended
are a ground plane and surface mount resistors and
capacitors.
Figure 3: Making PCB Connections to RSENSE.


Podobny numer części - TS1103

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Touchstone Semiconducto...
TS1103 TOUCHSTONE-TS1103 Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
TS1103-100 TOUCHSTONE-TS1103-100 Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1103-100-EG6 SILABS-TS1103-100-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1103-100-EG6T SILABS-TS1103-100-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Touchstone Semiconducto...
TS1103-100EG6T TOUCHSTONE-TS1103-100EG6T Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
More results

Podobny opis - TS1103

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
TS1107 SILABS-TS1107 Datasheet
1Mb / 22P
   Power Management Systems
TS1105 SILABS-TS1105 Datasheet
1Mb / 19P
   Power Management Systems
logo
Shenzhen Guan Hua Wei Y...
WSK140N06 WIINSOK-WSK140N06 Datasheet
1Mb / 6P
   Power Management for Inverter Systems.
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
logo
STMicroelectronics
STPM066S STMICROELECTRONICS-STPM066S Datasheet
877Kb / 67P
   Power management for automotive vision and radar systems
Rev 2 - February 2023
logo
Texas Instruments
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
logo
Skyworks Solutions Inc.
SKY87020-11 SKYWORKS-SKY87020-11 Datasheet
181Kb / 2P
   Power Management IC for SkyOne Ultra 2.0 Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com