Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPL0401A Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części TPL0401A
Szczegółowy opis  128-TAPS Single-Channel Digital Potentiometer With I2C Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0401A Arkusz danych(HTML) 3 Page - Texas Instruments

  TPL0401A_17 Datasheet HTML 1Page - Texas Instruments TPL0401A_17 Datasheet HTML 2Page - Texas Instruments TPL0401A_17 Datasheet HTML 3Page - Texas Instruments TPL0401A_17 Datasheet HTML 4Page - Texas Instruments TPL0401A_17 Datasheet HTML 5Page - Texas Instruments TPL0401A_17 Datasheet HTML 6Page - Texas Instruments TPL0401A_17 Datasheet HTML 7Page - Texas Instruments TPL0401A_17 Datasheet HTML 8Page - Texas Instruments TPL0401A_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
W
H
GND
VDD
1
2
3
6
SDA
SCL
4
5
L
3
TPL0401A
TPL0401B
www.ti.com
SLIS144B – SEPTEMBER 2011 – REVISED FEBRUARY 2017
Product Folder Links: TPL0401A TPL0401B
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
5 Device Comparison Table
ORDERABLE PART NUMBER
END-TO-END RESISTANCE
I2C ADDRESS
TPL0401A-10DCKR
10 k
0101110
TPL0401B-10DCKR
10 k
0111110
6 Pin Configuration and Functions
DCK Package
6-Pin SC70
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VDD
Power
Positive supply voltage
2
GND
Ground
3
SCL
I
I2C Clock
4
SDA
I/O
I2C Data
5
W
I/O
Wiper terminal
6
H
I/O
High terminal
L
I/O
Low terminal


Podobny numer części - TPL0401A_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPL0401A-10 TI1-TPL0401A-10 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A-10DCKR TI1-TPL0401A-10DCKR Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10DCKR TI1-TPL0401A-10DCKR Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10DCKR TI-TPL0401A-10DCKR Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
More results

Podobny opis - TPL0401A_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com